Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5036 Datasheet(PDF) 25 Page - Texas Instruments

Part # LP5036
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5036 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP5036 Datasheet HTML 21Page - Texas Instruments LP5036 Datasheet HTML 22Page - Texas Instruments LP5036 Datasheet HTML 23Page - Texas Instruments LP5036 Datasheet HTML 24Page - Texas Instruments LP5036 Datasheet HTML 25Page - Texas Instruments LP5036 Datasheet HTML 26Page - Texas Instruments LP5036 Datasheet HTML 27Page - Texas Instruments LP5036 Datasheet HTML 28Page - Texas Instruments LP5036 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
LP5030, LP5036
www.ti.com
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
25
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Register Maps (continued)
Table 4. Register Maps (continued)
REGISTER
NAME
ADDR
TYPE
D7
D6
D5
D4
D3
D2
D1
D0
DEF
AULT
LED10_BRIGHT
NESS
12h
R/W
LED10_Brightness
FFh
LED11_BRIGHT
NESS
13h
R/W
LED11_Brightness
FFh
OUT0_COLOR
14h
R/W
OUT0_Color
00h
OUT1_COLOR
15h
R/W
OUT1_Color
00h
OUT2_COLOR
16h
R/W
OUT2_Color
00h
OUT3_COLOR
17h
R/W
OUT3_Color
00h
OUT4_COLOR
18h
R/W
OUT4_Color
00h
OUT5_COLOR
19h
R/W
OUT5_Color
00h
OUT6_COLOR
1Ah
R/W
OUT6_Color
00h
OUT7_COLOR
1Bh
R/W
OUT7_Color
00h
OUT8_COLOR
1Ch
R/W
OUT8_Color
00h
OUT9_COLOR
1Dh
R/W
OUT9_Color
00h
OUT10_COLOR
1Eh
R/W
OUT10_Color
00h
OUT11_COLOR
1Fh
R/W
OUT11_Color
00h
OUT12_COLOR
20h
R/W
OUT12_Color
00h
OUT13_COLOR
21h
R/W
OUT13_Color
00h
OUT14_COLOR
22h
R/W
OUT14_Color
00h
OUT15_COLOR
23h
R/W
OUT15_Color
00h
OUT16_COLOR
24h
R/W
OUT16_Color
00h
OUT17_COLOR
25h
R/W
OUT17_Color
00h
OUT18_COLOR
26h
R/W
OUT18_Color
00h
OUT19_COLOR
27h
R/W
OUT19_Color
00h
OUT20_COLOR
28h
R/W
OUT20_Color
00h
OUT21_COLOR
29h
R/W
OUT21_Color
00h
OUT22_COLOR
2Ah
R/W
OUT22_Color
00h
OUT23_COLOR
2Bh
R/W
OUT23_Color
00h
OUT24_COLOR
2Ch
R/W
OUT24_Color
00h
OUT25_COLOR
2Dh
R/W
OUT25_Color
00h
OUT26_COLOR
2Eh
R/W
OUT26_Color
00h
OUT27_COLOR
2Fh
R/W
OUT27_Color
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com