Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5036 Datasheet(PDF) 29 Page - Texas Instruments

Part # LP5036
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5036 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP5036 Datasheet HTML 25Page - Texas Instruments LP5036 Datasheet HTML 26Page - Texas Instruments LP5036 Datasheet HTML 27Page - Texas Instruments LP5036 Datasheet HTML 28Page - Texas Instruments LP5036 Datasheet HTML 29Page - Texas Instruments LP5036 Datasheet HTML 30Page - Texas Instruments LP5036 Datasheet HTML 31Page - Texas Instruments LP5036 Datasheet HTML 32Page - Texas Instruments LP5036 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
29
LP5030, LP5036
www.ti.com
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table 9. LED_CONFIG1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
LED10_Bank_EN
R/W
0h
0 = LED10 independent control mode enabled
1 = LED10 bank control mode enabled
1
LED9_Bank_EN
R/W
0h
0 =LED9 independent control mode enabled
1 = LED9 bank control mode enabled
0
LED8_Bank_EN
R/W
0h
0 = LED8 independent control mode enabled
1 = LED8 bank control mode enabled
8.6.5 BANK_BRIGHTNESS (Address = 4h) [reset = FFh]
BANK_BRIGHTNESS is shown in Figure 25 and described in Table 10.
Return to Table 4.
Figure 25. BANK_BRIGHTNESS Register
7
6
5
4
3
2
1
0
BANK_BRIGHTNESS
R/W-FFh
Table 10. BANK_BRIGHTNESS Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
BANK_BRIGHTNESS
R/W
FFh
00h = 0% of full intensity
...
80h = 50% of full
...
FFh = 100 % of full intensity
8.6.6 BANK_A_COLOR (Address = 5h) [reset = 00h]
BANK_A_COLOR is shown in Figure 26 and described in Table 11.
Return to Table 4.
Figure 26. BANK_A_COLOR Register
7
6
5
4
3
2
1
0
BANK_A_COLOR
R/W-0h
Table 11. BANK_A_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
BANK_A_COLOR
R/W
0h
00h = The color mixing percentage is 0%.
...
80h = The color mixing percentage is 50%.
...
FFh = The color mixing percentage is 100%.
8.6.7 BANK_B_COLOR (Address = 6h) [reset = 00h]
BANK_B_COLOR is shown in Figure 27 and described in Table 12.
Return to Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com