Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5036 Datasheet(PDF) 18 Page - Texas Instruments

Part # LP5036
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5036 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5036 Datasheet HTML 14Page - Texas Instruments LP5036 Datasheet HTML 15Page - Texas Instruments LP5036 Datasheet HTML 16Page - Texas Instruments LP5036 Datasheet HTML 17Page - Texas Instruments LP5036 Datasheet HTML 18Page - Texas Instruments LP5036 Datasheet HTML 19Page - Texas Instruments LP5036 Datasheet HTML 20Page - Texas Instruments LP5036 Datasheet HTML 21Page - Texas Instruments LP5036 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
RIREF=KIREF ×
VIREF
ISET
18
LP5030, LP5036
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.3.3 Current Range Setting
The maximum constant-current value of all 30 or 36 channels is set by a single external resistor, RIREF. The
value of RIREF can be calculated by Equation 1.
where:
•
KIREF = 105
•
VIREF = 0.7 V
(1)
With the IREF pin floating, the output current is close to zero. With the IREF pin shorted to GND, the LP503x
device provides internal current-limit protection, and the output-channel maximum current is limited to ILIM.
The LP503x device supports two levels of maximum output current, IMAX.
•
When VCC is in the range from 2.7 V to 5.5 V, and the Max_Current_Option (bit) = 0, IMAX= 25.5 mA.
•
When VCC is in the range from 3.3 V to 5.5 V, and the Max_Current_Option (bit) = 1, IMAX= 35 mA.
8.3.4 Automatic Power-Save Mode
When all the LED outputs are inactive, the LP503x device is able to enter power-save mode automatically, thus
lowering idle-current consumption down to 12 μA (maximum). Automatic power-save mode is enabled when
register bit Power_Save_EN = 1 (default) and all the LEDs are off for a duration of >30 ms. Almost all analog
blocks are powered down in power-save mode. If any I2C command to the device occurs, the LP503x device
returns to NORMAL mode.
8.3.5 Protection Features
8.3.5.1 Thermal Shutdown
The LP503x device implements a thermal shutdown mechanism to protect the device from damage due to
overheating. When the junction temperature rises to 160°C (typical), the device switches into shutdown mode.
The LP503x device releases thermal shutdown when the junction temperature of the device is reduced to 145°C
(typical).
8.3.5.2 UVLO
The LP503x device has an internal comparator that monitors the voltage at VCC. When VCC is below VUVF, reset
is active and the LP503x device is in the INITIALIZATION state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com