Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 4 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0002 Datasheet(HTML) 4 Page - Texas Instruments

  LSF0002 Datasheet HTML 1Page - Texas Instruments LSF0002 Datasheet HTML 2Page - Texas Instruments LSF0002 Datasheet HTML 3Page - Texas Instruments LSF0002 Datasheet HTML 4Page - Texas Instruments LSF0002 Datasheet HTML 5Page - Texas Instruments LSF0002 Datasheet HTML 6Page - Texas Instruments LSF0002 Datasheet HTML 7Page - Texas Instruments LSF0002 Datasheet HTML 8Page - Texas Instruments LSF0002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
LSF0002
UNIT
DTQ (X2SON)
6 PINS
RθJA
Junction-to-ambient thermal resistance
294.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
188.9
°C/W
RθJB
Junction-to-board thermal resistance
216.8
°C/W
ΨJT
Junction-to-top characterization parameter
26.5
°C/W
ΨJB
Junction-to-board characterization parameter
216.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
II = -18mA
EN = 0V
-1.2
V
IIH
VI = 5V
EN = 0V
5.0
µA
ICCBA
Vref_B = VEN = 5.5V, Vref_A = 4.5V, IO = 0, VI = VCC or GND
1
µA
CI(ref_A/B/EN)
VI = 3V or 0
11
pF
Cio(off)
VO = 3V or 0,
VEN = 0V
4.0
6.0
pF
Cio(on)
VO = 3V or 0,
VEN = 3V
10.5
12.5
pF
rON (2)
VI = 0,
IO = 64mA
Vref_A = 3.3V; Vref_B = VEN =
5V
8.0
Ω
Vref_A = 1.8V; Vref_B = VEN =
5V
9.0
Vref_A = 1.0V; Vref_B = VEN =
5V
10
VI = 0,
IO = 32mA
Vref_A = 1.8V; Vref_B = VEN =
5V
10
Ω
Vref_A = 2.5V; Vref_B = VEN =
5V
15
VI = 1.8V,
IO = 15mA
Vref_A = 3.3V; Vref_B = VEN =
5V
9.0
Ω
VI = 1.0V,
IO = 10mA
Vref_A = 1.8V; Vref_B = VEN =
3.3V
18
Ω
VI = 0V,
IO = 10mA
Vref_A = 1.0V; Vref_B = VEN =
3.3V
20
Ω
VI = 0V,
IO = 10mA
Vref_A = 1.0V; Vref_B = VEN =
1.8V
30
Ω
(1)
All typical values are at TA = 25°C.
(2)
Measured by the voltage drop between the A and B pins at the indicated current through the switch. Minimum ON-state resistance is
determined by the lowest voltage of the two (A or B) pins.
LSF0002
SDLS975 – APRIL 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com