Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 11 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0002 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LSF0002 Datasheet HTML 7Page - Texas Instruments LSF0002 Datasheet HTML 8Page - Texas Instruments LSF0002 Datasheet HTML 9Page - Texas Instruments LSF0002 Datasheet HTML 10Page - Texas Instruments LSF0002 Datasheet HTML 11Page - Texas Instruments LSF0002 Datasheet HTML 12Page - Texas Instruments LSF0002 Datasheet HTML 13Page - Texas Instruments LSF0002 Datasheet HTML 14Page - Texas Instruments LSF0002 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Table 8-3. Pull-Up Resistor Values
VPU (1) (2)
8mA
5mA
3mA
NOMINAL (Ω)
+10%(3) (Ω)
NOMINAL (Ω)
+10%(3) (Ω)
NOMINAL (Ω)
+10%(3) (Ω)
5V
581
639
930
1023
1550
1705
3.3V
369
406
590
649
983
1082
2.5V
269
296
430
473
717
788
1.8V
181
199
290
319
483
532
1.5V
144
158
230
253
383
422
1.2V
106
117
170
187
283
312
(1)
Calculated for VOL = 0.35V
(2)
Assumes output driver VOL = 0.175V at stated current
(3)
+10% to compensate for VDD range and resistor tolerance
8.2.1.3 Application Curve
Figure 8-2. Open Drain Translation (1.8V to 3.3V at 2.5MHz)
8.2.2 Mixed-Mode Voltage Translation
The supply voltage (VEXT A,B) for each channel can be individually set with a pull-up resistor. Figure 8-3 shows
an example of this mixed-mode multi-voltage translation. For additional details on multi-voltage translation, see
the Multi-voltage Translation with the LSF Family video.
With VEXT,B pulled up to 5V and VEXT,A connected to 1.2V, all channels will be clamped to 1.2V at which point a
pullup can be used to define the high level voltage for a given channel.
• Push-Pull Down Translation (5V to 1.2V): Channel 1 is an example of this setup. When A2 is 5V, B1 is
clamped to 1.2V, and when A1 is LOW, B1 is driven LOW through the switch.
• Push-Pull Up Translation (1.2V to 3.3V): Channel 2 is an example of this setup. When B2 is 1.2V, the
switch is high impedance and the A2 channel is pulled up to 3.3V. When B2 is LOW, A2 is driven LOW
through the switch.
• Push-Pull Down Translation (3.3V to 1.2V): Channels 2 is an example of this setup. When A2 is driven to
3.3V, B2 is clamped to 1.2V, and when A2 is LOW, B2 is driven LOW through the switch.
www.ti.com
LSF0002
SDLS975 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LSF0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com