Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 12 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0002 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LSF0002 Datasheet HTML 8Page - Texas Instruments LSF0002 Datasheet HTML 9Page - Texas Instruments LSF0002 Datasheet HTML 10Page - Texas Instruments LSF0002 Datasheet HTML 11Page - Texas Instruments LSF0002 Datasheet HTML 12Page - Texas Instruments LSF0002 Datasheet HTML 13Page - Texas Instruments LSF0002 Datasheet HTML 14Page - Texas Instruments LSF0002 Datasheet HTML 15Page - Texas Instruments LSF0002 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
5V
B1
B2
A1
A2
GND
LSF0002
RA1 =
1k
RA2 =
1k
1.2V Device
1.2 ± 10% V
VBIAS
0.1 F
RB1 =
1k
RB2 =
1k
6
5
2
1
3
4
VEXT,A
VEXT,B
SW
SW
GPIO
3.3V
GPIO
GPIO
GPIO
Figure 8-3. Multi-Voltage Translation Example with the LSF Translators
8.2.3 Voltage Translation for Vref_B < Vref_A + 0.8V
As described in the Enable and Disable Guidelines section, it is generally recommended that VEXT,B> VEXT,A +
0.8V; however, the device can still operate in the condition where VEXT,B < VEXT,A + 0.8V as long as additional
considerations are made for the design.
Typical Operation (VEXT,B > VEXT,A + 0.8V): in this scenario, pullup resistors are not required on the A-side for
proper down-translation. When down translating from B to A, the A-side I/O ports will clamp at VEXT,A to provide
proper voltage translation. For further explanation of device operation, see the Down Translation with the LSF
Family video.
Requirements for VEXT,B < VEXT,A + 0.8V Operation: in this scenario, there is not a large enough voltage
difference between VEXT,A and VEXT,B so that the A side I/O ports will be clamped at VEXT,A, but rather at a
voltage approximately equal to VEXT,B – 0.8V. For example, if VEXT,B = 1.8V and VEXT,A = 1.2V, the A-side I/Os
will clamp to a voltage around 1.0V. Therefore, to operate in such a condition, the following additional design
considerations must be met:
• VEXT,B must be greater than VEXT,A during operation (VEXT,B > VEXT,A)
• Pullup resistors should be populated on A-side I/O ports for the line to be fully pulled up to the desired
voltage.
Figure 8-4 shows an example of this setup, where 1.2V ↔ 1.8V translation is achieved with the LSF0002. This
type of setup also applies for other voltage nodes such as 1.8V ↔ 2.5V, 1.05V ↔ 1.5V, and others as long as the
Recommended Operating Conditions table is followed.
LSF0002
SDLS975 – APRIL 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com