Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 10 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0002 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LSF0002 Datasheet HTML 6Page - Texas Instruments LSF0002 Datasheet HTML 7Page - Texas Instruments LSF0002 Datasheet HTML 8Page - Texas Instruments LSF0002 Datasheet HTML 9Page - Texas Instruments LSF0002 Datasheet HTML 10Page - Texas Instruments LSF0002 Datasheet HTML 11Page - Texas Instruments LSF0002 Datasheet HTML 12Page - Texas Instruments LSF0002 Datasheet HTML 13Page - Texas Instruments LSF0002 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
8.2.1.1 Design Requirements
8.2.1.1.1 Enable and Disable Guidelines
In the previous figure, VBIAS is referenced to the lower power supply (VEXT,A) of 1.8V power supply and VEXT,B
is set to 3.3V. The A1 and A2 channels have a maximum output voltage equal to VEXT,A and the B1 and B2
channels have a maximum output voltage equal to VEXT,B.
The LSF0002 has an VBIAS input that is used to disable the device by driving this node LOW to GND, placing
all I/Os in the high-impedance state. Since the LSF family of devices are switch-type voltage translators, the
power consumption is very low. TI recommends always enabling the LSF family for bidirectional applications
(I2C, SMBus, PMBus, or MDIO).
Table 8-2. Application Operating Condition
PARAMETER
MIN
TYP
MAX
UNIT
VEXT,A (1)
reference voltage (A)
0.9
5.5
V
VEXT,B
reference voltage (B)
VEXT,A + 0.8
5.5
V
VBIAS
input voltage on VBIAS pin
VEXT,A
VEXT,A + 0.8
V
VPU
pull-up supply voltage
0
VEXT,B
V
(1)
VEXT,A is required to be the lowest voltage level across all inputs and outputs.
Note
The 200kΩ, bias resistor is not required for the LSF0002.
8.2.1.2 Detailed Design Procedure
8.2.1.2.1 Bidirectional Translation
For the bidirectional translation configuration (higher voltage to lower voltage or lower voltage to higher voltage),
the VBIAS input must be connected to VEXT,A. This allows VBIAS to regulate the bias of the I/O channels for proper
translation. A filter capacitor on VBIAS is recommended for a stable supply at the device. The controller output
driver can be push-pull or open-drain (pull-up resistors may be required) and the peripheral device output can be
push-pull or open-drain (pull-up resistors are required to pull the Bn outputs to VPU).
Note
If either output is push-pull, data must be unidirectional or the outputs must be tri-state and be
controlled by some direction-control mechanism to prevent HIGH-to-LOW bus contention in either
direction. If both outputs are open-drain, no direction control is needed.
8.2.1.2.2 Pull-Up Resistor Sizing
The pull-up resistor value needs to limit the current through the pass transistor when it is in the ON state to about
15mA. Doing this causes a voltage drop of 260mV to 350mV to have a valid LOW signal on the downstream
channel. If the current through the pass transistor is higher than 15mA, then the voltage drop is also higher in the
ON state. To set the current through each pass transistor at 15mA, calculate the pull-up resistor value using the
following equation:
Rpu = Vpu − 0.35 V
0.015 A  
(1)
Table 8-3 provides resistor values, reference voltages, and currents at 8mA, 5mA, and 3mA. The resistor value
shown in the +10% column (or a larger value) should be used so that the voltage drop across the transistor
is 350mV or less. The external driver must be able to sink the total current from the resistors on both sides
of the LSF family device at 0.175V, although the 15mA applies only to current flowing through the LSF family
device. The device driving the low state at 0.175V must sink current from one or more of the pull-up resistors
and maintain VOL. A decrease in resistance will increase current, and thus result in increased VOL.
LSF0002
SDLS975 – APRIL 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com