Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-WBC86FWBPP Datasheet(PDF) 10 Page - STMicroelectronics

Part # STSW-WBC86FWBPP
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-WBC86FWBPP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STSW-WBC86FWBPP Datasheet HTML 6Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 7Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 8Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 9Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 10Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 11Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 12Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 13Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ST offers high integration combined
with a broad IP portfolio, complete
system competency, and state-of-the-
art technology for power management
in mobile applications. We offer a wide
range of products from simple power
management ICs to highly-integrated
devices that mix power management
blocks with advanced analog and digital
functionality.
The STCHARGE family offers Power
Tx and Power Rx products for wireless
charging solutions able to support the
latest Qi BPP, EPP, and up to 100W with
proprietary protocols. In order to enable
fast system solution deployment, ST
developed a proprietary high-power
wireless charging proprietary protocol:
STSuperCharge (STSC).
•
Industry-first monolithic transmitter with integrated
full bridge inverter and low BOM
WBC transmitters (PTx)
WLC receivers (PRx)
•
Limitless wireless power architecture for wide range
of applications
•
Future proof - ready for standard and proprietary
protocol evolution
•
WPC Qi 1.3 BPP or EPP compatible
•
Device-to-device charging with reverse power transfer
•
High power with proprietary STSuperCharge (STSC)
protocol
≤ 5 W
Wearables, TWS
E-cigarettes,
Trackers
≤ 15 W
Smartphones,
Tablets
Power tools,
industrial
LIMITLESS W
Laptops, tablets
Power tools,
industrial
≤ 15 W
Wearables, TWS
Portables,
E-cigarettes
15W – 70 W
Laptops, tablets
Power tools,
industrial
≤ 100 W
Laptops, tablets
Power tools,
industrial
STWBC86
• Qi 1.2.4 BPP
compatible
• Monolithic Tx
STWBC2-HP
• Qi 1.3 EPP
compatible
reference design
STWBC2-HP
• Qi 1.3 EPP
• Proprietary STSC
support
STWLC38JR
• Qi 1.3 EPP
• 2.5W and 5W ref.
designs
STWLC98JR
• Qi 1.3 EPP
• Dual-mode up to
12 W transmitter
STWLC99JR
• Qi 1.3 EPP
• Dual-mode up to
15 W transmitter
10
Power Management
Subsystem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com