Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-WBC86FWBPP Datasheet(PDF) 12 Page - STMicroelectronics

Part # STSW-WBC86FWBPP
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-WBC86FWBPP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STSW-WBC86FWBPP Datasheet HTML 8Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 9Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 10Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 11Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 12Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 13Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 14Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 15Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
• STEVAL-ISB68WA (wearable 2.5W receiver reference design using STWLC68)
• STEVAL-ISB68RX (5W receiver evaluation board using STWLC68)
• STEVAL-WLC38RX* (Qi 1.3 compatible 5W receiver evaluation board using STWLC38)
• STEVAL-WBC86TX* (Qi 1.2.4 compatible 5W transmitter evaluation board using STWBC86)
• STSW-ISB68GUI (PC GUI for prototyping with STWLC68)
• STSW-WPSTUDIO* (ST Wireless Power Studio PC GUI for fast prototyping and mass production for all products
except STWBC2-xx family)
• STSW-WLC38FWBPP* (5W BPP compatible receiver FW)
• STSW-WBC86FWBPP* (5W BPP compatible transmitter FW)
SW BASKET
TURNKEY SOLUTIONS
Note *: Product not released yet. Please contact the local sales representative
STEVAL-WLC38RX (Q4 2022 – tentative target date)
STEVAL-WBC86TX (Q4 2022 – tentative target date)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com