Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-WBC86FWBPP Datasheet(PDF) 19 Page - STMicroelectronics

Part # STSW-WBC86FWBPP
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-WBC86FWBPP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STSW-WBC86FWBPP Datasheet HTML 15Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 16Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 17Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 18Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 19Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 20Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 21Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 22Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
The pressure sensors in mobile phones and accessories can be used in various use cases, such as to improve the activity
recognition tasks, ambient pressure monitoring, emergency E911 enablement, and automatic airplane mode.
PRESSURE SENSORS
The ST absolute digital output barometer integrates the consolidated pressure sensor in the new fully molded package to
further improve robustness, reliability, and moisture resistance, while reducing package thickness.
Waterproof pressure sensors are also available in the ST pressure sensor portfolio. They are resistant to chemicals like
chlorine, bromine, and salt water, as well as soaps and detergents. The LPS28DFW is an ultracompact piezoresistive
waterproof pressure sensor, which functions as a digital output barometer. Thanks to the dual fullscale (FS) mode, the device
provides wide coverage of both altimeter and water depth (up to 30 meters).
Another winning feature of the LPS28DFW is its lower power consumption and lower RMS noise. The LPS28DFW is the right
pressure sensor for delivering the high level of functionality users want and expect in personal electronics and consumer
applications.
Advanced Processing in the Edge
FSM and MLC 2.0; ASC(1) with ST libraries!
Low noise Accelerometer and Gyro
60ug /√Hz (All FS), 2.8mpds /√Hz
High Accuracy ODR
Work at higher precision, when it is needed
Embedded Sensor Fusion
Low ower, low latency – high performance
Qvar™ with FSM & MLC processing
User interface (touch, long press, swipe)
Note 1: Adaptive System Configuration
Vertical context detection
Stair count / Man fall down
Pose & fitness monitoring
Activity recognition
Vertical detection
Airplane mode detection
Altitude monitoring
Indoor V position for E911
Ambient pressure monitor
Recognize take-off and landing
to set the radio/GPS signal
Water proofing package up to 10 bar
Wider full scale up to 4 bar
Ultra low power consumption
Package robust to mechanical stress
LPS27HHW
Smallest 10 Bar WP Pressure sensor
(2.7 x 2.7 x 1.7 mm CLGA)
LPS28DFW
Dual Full Scale WP Pressure Sensor
(2.8 x 2.8 x 1.95 mm CLGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com