Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-WBC86FWBPP Datasheet(PDF) 30 Page - STMicroelectronics

Part # STSW-WBC86FWBPP
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-WBC86FWBPP Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STSW-WBC86FWBPP Datasheet HTML 24Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 25Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 26Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 27Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 28Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 29Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 30Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 31Page - STMicroelectronics STSW-WBC86FWBPP Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
In smartphone applications, LDO and
protection devices are widely used in
several subsystems.
ST offers a complete portfolio of high-
performance low-dropout regulators with
state-of-the-art figures on the key merit
parameters, all fitting into the smallest
packages available. The ultrasmall,
high-performance LDOs are particularly
suitable for the latest generation of
portable devices, such as smartphones.
LD56050
DFN6 – 1.2 x 1.2
LD57100
Flip-Chip6 – 0.8 x 1.2
LD56100
DFN8 – 1.2 x 1.6
LD39130S
Flip-Chip4
DFN6 – 1.2 x 1.3
LD56020
Flip-Chip4
LD59030
DFN4 – 1 x 1
LDLN025
DFN4 – 1 x 1
Flip-Chip4
Sensor
Front camera
Rear camera
SD memory
Wi-Fi, GPS,
bluetooth
Noice sensitive loads
e.g. Audio Hi-Fi
LDO
Benefits
LDLN025
• Ultra Low Noise
• Very High PSRR LDOs for camera AVDD and RF
LD59030
• 300mA LDO ultra low VDROP
• Good cost-performance trade-off
LD57100
• 1A Ultra low dropout LDO with Bias for camera DVDD
LD56100
• 1 A very low dropout fast transient ultra-low noise
regulator
LD39130S
• 300 mA with very low quiescent
• Auto green mode function allows ultra low
consumption at light load
LD56050
• 500 mA ultra low VDROP with bias supply input
LD56020
• 200mA, low input voltage, low Iq, High PSRRR
The one-stop-shop LDO’s supplier addressing high mega pixels cameras
Portable devices are small integrated devices using ESD-sensitive ICs with thin lithography
technologies, in close contact with electrostatic charges that can develop on a human in low relative
humidity. The risk of ESD damage is therefore very high.
The complete ST protection and filtering range with integrated or standalone solutions offers design
flexibility while allowing space saving and high system immunity.
30
LDO and protections
in Smartphones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com