Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF30 Datasheet(PDF) 5 Page - Texas Instruments

Part # REF30
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF30 Datasheet(HTML) 5 Page - Texas Instruments

  REF30 Datasheet HTML 1Page - Texas Instruments REF30 Datasheet HTML 2Page - Texas Instruments REF30 Datasheet HTML 3Page - Texas Instruments REF30 Datasheet HTML 4Page - Texas Instruments REF30 Datasheet HTML 5Page - Texas Instruments REF30 Datasheet HTML 6Page - Texas Instruments REF30 Datasheet HTML 7Page - Texas Instruments REF30 Datasheet HTML 8Page - Texas Instruments REF30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
REF30XX
REF30XXE
UNIT
DBZ (SOT-23)
DBZ (SOT-23)
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
297.3
218.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
128.5
120.6
°C/W
RθJB
Junction-to-board thermal resistance
91.7
48.7
°C/W
ΨJT
Junction-to-top characterization parameter
12.8
14.5
°C/W
ΨJB
Junction-to-board characterization parameter
90.3
48.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the SPRA953 application report.
6.5 REF30E
at TA = 25°C, VIN = VOUT + 200mV, CIN = 0.1µF, COUT = 0.1µF and ILOAD = 0mA (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
REF3012E (1.25V)(1)
VOUT
Output Voltage
1.24875
1.25
1.25125
V
Initial accuracy
-0.1
0.1
%
Output voltage noise
ƒ = 0.1Hz to 10Hz
31.25
µVPP
ƒ = 10Hz to 10kHz
30
µVrms
Line regulation
1.8V ≤ VOUT ≤ 5.75V
31
125
µV/V
REF3016E (1.65V)(1)
VOUT
Output Voltage
1.64835
1.65
1.65165
V
Initial accuracy
-0.1
0.1
%
Output voltage noise
ƒ = 0.1Hz to 10Hz
40
µVPP
ƒ = 10Hz to 10kHz
42
µVrms
Line regulation
1.8V ≤ VOUT ≤ 5.75V
41
165
µV/V
REF3018E (1.8V)
VOUT
Output Voltage
1.7982
1.8
1.8018
V
Initial accuracy
-0.1
0.1
%
Output voltage noise
ƒ = 0.1Hz to 10Hz
45
µVPP
ƒ = 10Hz to 10kHz
51
µVrms
Line regulation
VOUT+ 200mV ≤ VIN ≤ 5.75V
41
165
µV/V
REF3020E (2.048V)
VOUT
Output Voltage
2.045952
2.048
2.050048
V
Initial accuracy
-0.1
0.1
%
Output voltage noise
ƒ = 0.1Hz to 10Hz
51.2
µVPP
ƒ = 10Hz to 10kHz
51
µVrms
Line regulation
VOUT+ 200mV ≤ VIN ≤ 5.75V
51
205
µV/V
REF3025E (2.5V)
VOUT
Output Voltage
2.4975
2.5
2.5025
V
Initial accuracy
-0.1
0.1
%
Output voltage noise
ƒ = 0.1Hz to 10Hz
62.5
µVPP
ƒ = 10Hz to 10kHz
62
µVrms
Line regulation
VOUT+ 200mV ≤ VIN ≤ 5.75V
63
250
µV/V
www.ti.com
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com