Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF30 Datasheet(PDF) 7 Page - Texas Instruments

Part # REF30
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF30 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF30 Datasheet HTML 3Page - Texas Instruments REF30 Datasheet HTML 4Page - Texas Instruments REF30 Datasheet HTML 5Page - Texas Instruments REF30 Datasheet HTML 6Page - Texas Instruments REF30 Datasheet HTML 7Page - Texas Instruments REF30 Datasheet HTML 8Page - Texas Instruments REF30 Datasheet HTML 9Page - Texas Instruments REF30 Datasheet HTML 10Page - Texas Instruments REF30 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
6.5 REF30E (continued)
at TA = 25°C, VIN = VOUT + 200mV, CIN = 0.1µF, COUT = 0.1µF and ILOAD = 0mA (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
REF30xxE
dVOUT/dT
Output voltage
temperature drift for A
grade(2)
0°C ≤ TA ≤ 70°C
7
15
ppm/°C
–40°C ≤ TA ≤ 85°C
8
15
–40°C ≤ TA ≤ 125°C
10
20
Long Term stability
0000h to 1000h
40
ppm
1000h to 2000h
15
dVOUT/
dILOAD
Load regulation
Source(3)
0mA < ILOAD < 10mA, VIN = VOUT + 500mV(4)
3
15
ppm/mA
Load regulation Sink(3)
0mA > ILOAD > - 10mA, VIN = VOUTF + 500mV(4)
3
15
ppm/mA
dT
Thermal hysteresis(6)
25
ppm
VDO
Dropout voltage(1)
20
200
mV
ISC
Short-circuit current
REF3012E, REF3016E, REF3018E, REF3020E
20
mA
ISC
Short-circuit current
REF3025E, REF3030E, REF3033E, REF3040E,
REF3045E, REF3050E
40
mA
Turnon settling time
To 0.1% with CL = 1µF
2
ms
POWER SUPPLY
IQ
Quiescent current
TA = 25°C
25
µA
–40°C ≤ TA ≤ 125°C
38
CAPACITIVE LOAD
CIN
Stable input capacitor
range
–40°C ≤ TA ≤ 125°C
0.1
µF
CL
Stable output capacitor
range(5)
–40°C ≤ TA ≤ 125°C
0.1
10
µF
(1)
The minimum supply voltage for the REF3012E and REF3016E is 1.8V.
(2)
Box method used to determine over temperature drift.
(3)
Typical value of load regulation reflects measurements using a force and sense contacts see Section 8.3.6 section.
(4)
Vin = 1.8V + 500mV for REF3016E
(5)
ESR for the capacitor can range from 10mΩ to 500mΩ.
(6)
Thermal hysteresis procedure explained in more detail in Section 8.3.2 section.
www.ti.com
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com