Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF30 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF30
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF30 Datasheet(HTML) 1 Page - Texas Instruments

  REF30 Datasheet HTML 1Page - Texas Instruments REF30 Datasheet HTML 2Page - Texas Instruments REF30 Datasheet HTML 3Page - Texas Instruments REF30 Datasheet HTML 4Page - Texas Instruments REF30 Datasheet HTML 5Page - Texas Instruments REF30 Datasheet HTML 6Page - Texas Instruments REF30 Datasheet HTML 7Page - Texas Instruments REF30 Datasheet HTML 8Page - Texas Instruments REF30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
REF30E and REF30, Low Current Voltage Reference in SOT-23-3
1 Features
• Small industry standard footprint: SOT23-3
• High accuracy
– REF30E: ±0.1%
– REF30: ±0.2%
• Excellent temperature drift performance:
– REF30E: 20ppm/°C
– REF30: 75ppm/°C
• REF30E is drop-in replacement of REF30
• Low IQ (typical)
– REF30E: 25µA
– REF30: 42µA
• High output current
– REF30E: ±10mA
– REF30: 25mA
• Output voltage options
– REF30E: 1.25V to 5V
– REF30: 1.25V to 4.096V
• Temperature range: -40ºC to +125ºC
2 Applications
• Field transmitter & sensor
• Solar energy
• PLC, DCS & PAC
• Energy storage systems
• Medical & healthcare
• AC inverter & VF drives
• Handheld Test Equipment
3 Description
The REF30 is a precision, low-power, low-dropout
voltage, reference family available in a tiny 3-
pin SOT-23 package. REF30E is the enhanced
performance version of REF30 family which is
designed for precision applications. The REF30E
offers improved temperature drift and initial accuracy
while operating at a lower quiescent current of 25µA.
The low power consumption and the improved
precision make the REF30E very attractive for loop-
powered industrial applications such as pressure
and temperature transmitter and battery-powered
applications. The REF30/REF30E is specified over
the extended industrial temperature range of –40°C to
+125°C. The REF30 is easy to use in intrinsically safe
and explosion-proof applications because the REF30
does not require a load capacitor to be stable.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
REF30xx
SOT-23 (3)
2.92mm × 2.37mm
REF30xxE(3)
SOT-23 (3)
2.92mm × 2.37mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
This is preview device. Contact local TI support for samples.
5 Ω
ADS7822
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
–In
GND
+
+
1 F to 10 F
μ
μ
1 F to
μ
10 F
μ
3.3 V
0.1 F
μ
V
IN
V+
V
S
Microcontroller
REF3033
GND
Copyright © 2016, Texas Instruments Incorporated
Typical Application
350
300
250
200
150
100
50
0
0
5
10
15
20
25
30
Load Current (mA)
Dropout Voltage vs Load Current
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REF30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF30 TI-REF30 Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF30 TI-REF30 Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
REF30 TI2-REF30 Datasheet
1Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
REF3012 TI-REF3012 Datasheet
309Kb / 13P
50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3012 BURR-BROWN-REF3012 Datasheet
412Kb / 14P
50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
More results

Similar Description - REF30

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR318 AD-ADR318 Datasheet
492Kb / 8P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV.0
ADR370 AD-ADR370 Datasheet
182Kb / 12P
Precision Low Power 2.048 V SOT-23 Voltage Reference
7/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
LM4132 SOT-23 Precision Low Dropout Voltage Reference
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
logo
Linear Technology
LTC1998 LINER-LTC1998_15 Datasheet
141Kb / 12P
SOT-23 Comparator and Voltage Reference for Battery Monitoring
logo
Texas Instruments
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
SOT-23 Series Voltage Reference
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
REF3312 TI1-REF3312_16 Datasheet
1Mb / 35P
SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com