Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF30 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF30
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF30 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF30 Datasheet HTML 6Page - Texas Instruments REF30 Datasheet HTML 7Page - Texas Instruments REF30 Datasheet HTML 8Page - Texas Instruments REF30 Datasheet HTML 9Page - Texas Instruments REF30 Datasheet HTML 10Page - Texas Instruments REF30 Datasheet HTML 11Page - Texas Instruments REF30 Datasheet HTML 12Page - Texas Instruments REF30 Datasheet HTML 13Page - Texas Instruments REF30 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
6.7 Typical Characteristics REF30E
at TA = 25°C, VIN = 5V, and REF3025E used for typical characteristics (unless otherwise noted). All plots are preview and
can change at the time of release to production.
–40°C to +125°C
Figure 6-1. Temperature Drift Histogram
Te mperature (
C)
-40
-7
26
59
92
125
2.475
2.485
2.495
2.505
2.515
2.525
Figure 6-2. Output Voltage vs Temperature
Te mperature (
C)
-40
-7
26
59
92
125
20
24
28
32
36
40
VIN = 1.8V
VIN = 5.5V
Figure 6-3. Quiescent Current vs Temperature VOUT = 1.25V
Te mperature (
C)
-40
-7
26
59
92
125
20
24
28
32
36
40
VIN = 2.7V
VIN = 5.5V
Figure 6-4. Quiescent Current vs Temperature VOUT = 2.5V
Te mperature (
C)
-40
-7
26
59
92
125
20
24
28
32
36
40
VIN = 2.7V
VIN = 5.5V
Figure 6-5. Quiescent Current vs Temperature VOUT = 3V
Te mperature (
C)
-40
-7
26
59
92
125
0
5
10
15
20
25
Figure 6-6. Line Regulation vs Temperature
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com