Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM330022 Datasheet(PDF) 3 Page - Microchip Technology

Part # DM330022
Description  dsPIC33CK256MP508 Motor Control Plug-In Module (PIM) Information Sheet for Internal Op Amp Configuration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330022 Datasheet(HTML) 3 Page - Microchip Technology

  DM330022 Datasheet HTML 1Page - Microchip Technology DM330022 Datasheet HTML 2Page - Microchip Technology DM330022 Datasheet HTML 3Page - Microchip Technology DM330022 Datasheet HTML 4Page - Microchip Technology DM330022 Datasheet HTML 5Page - Microchip Technology DM330022 Datasheet HTML 6Page - Microchip Technology DM330022 Datasheet HTML 7Page - Microchip Technology DM330022 Datasheet HTML 8Page - Microchip Technology DM330022 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 2018 Microchip Technology Inc.
DS50002756A-page 3
dsPIC33CK256MP508
37
RE6
PIM:11
Direct Connection
38
AN18/CMP3C/ISRC3/RP74/PMD9/PMA9/RD10
PIM:35
Direct Connection
39
RE7
PIM:84
Direct Connection
40
AN16/ISRC2/RP55/PMD8/PMA8/RC7
PIM:79
Direct Connection
41
OA2OUT/AN1/AN7/ANA0/CMP1D/CMP2D/CMP3D/RP34/
SCL3/INT0/RB2
PIM:22(2)
Can be Connected via 0 Ohm Resistor
42
RE8
PIM:60
Direct Connection
43
PGD2/OA2IN-/AN8/RP35/RB3
PIM:66
Internal Op Amp Connection
44
RE9
PIM:1
Direct Connection
45
PGC2/OA2IN+/RP36/RB4
PIM:74
Internal Op Amp Connection
46
RP56/ASDA1/SCK2/RC8
PIM:95
Direct Connection
47
RP57/ASCL1/SDI2/RC9
PIM:96
Direct Connection
48
RP73/PCI20/RD9
PIM:10
Direct Connection
49
RP72/SDO2/PCI19/RD8
PIM:18
Direct Connection
50
VSS
PIM:15, 36, 65, 75(4)
Digital Ground (DGND)
51
VDD
PIM:02, 16, 37, 62, 86(3) Digital Power (DVDD)
52
RP71/PMD15/RD7
PIM:49
Direct Connection
53
RP70/PMD14/RD6
PIM:50
Direct Connection
54
RP69/PMA15/PMCS2/RD5
PIM:83
Direct Connection
55
PGD3/RP37/SDA2/PMA14/PMCS1/PSCS/RB5
PIM:27
Direct Connection
56
PGC3/RP38/SCL2/RB6
PIM:26
Direct Connection
57
RE10
PIM:40
Direct Connection
58
TDO/AN2/CMP3A/RP39/SDA3/RB7
PIM:14
Direct Connection
59
RE11
PIM:41
Direct Connection
60
PGD1/AN10/RP40/SCL1/RB8
PIM:17
Direct Connection
61
PGC1/AN11/RP41/SDA1/RB9
PIM:25
Direct Connection
62
RE12
PIM:59
Direct Connection
63
RP52/PWM5H/ASDA2/RC4
PIM:76
Direct Connection
64
RE13
PIM:34
Direct Connection
65
RP53/PWM5L/ASCL2/PMWR/PMENB/PSWR/RC5
PIM:54
Direct Connection
66
RP58/PWM7H/PMRD/PMWR/PSRD/RC10
PIM:07
Direct Connection
67
RP59/PWM7L/RC11
PIM:06
Direct Connection
68
RP68/ASDA3/RD4
PIM:61
Direct Connection
69
RP67/ASCL3/RD3
PIM:48
Direct Connection
70
VSS
PIM:15, 36, 65, 75(4)
Digital Ground (DGND)
71
VDD
PIM:02, 16, 37, 62, 86(3) Digital Power (DVDD)
72
RP66/RD2
PIM:47
Direct Connection
73
RP65/PWM4H/RD1
PIM:80
Direct Connection
74
RP64/PWM4L/PMD0/RD0
PIM:78
Direct Connection
75
TMS/RP42/PWM3H/PMD1/RB10
PIM:03
Direct Connection
76
TCK/RP43/PWM3L/PMD2/RB11
PIM:100
Direct Connection
77
RE14
PIM:82
Direct Connection
TABLE 2:
DEVICE TO PIM MAPPING (SORTED BY DEVICE PIN NUMBER) (CONTINUED)
Device
Pin #
dsPIC33CK256MP508 Device
Functional Description
PIM Pin #
Remarks
Note 1: The PIM pin is directly connected to the device pin through a 0 Ohm resistor (default), which can be removed if desired.
2: The PIM pin can be connected to a device pin through a 0 Ohm resistor, if desired. For proper operation, ensure that other
0 Ohm resistors connecting to the same device pin are removed.
3: Digital Power (DVDD) pins are shorted together on the PIM.
4: Digital Ground (DGND) pins are shorted together on the PIM.
5: Analog Ground (AGND) connection via PIM:31 is shorted with Digital Ground (DGND) through 0 Ohm resistor, R27, on the PIM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com