Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM330022 Datasheet(PDF) 7 Page - Microchip Technology

Part # DM330022
Description  dsPIC33CK256MP508 Motor Control Plug-In Module (PIM) Information Sheet for Internal Op Amp Configuration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330022 Datasheet(HTML) 7 Page - Microchip Technology

Back Button DM330022 Datasheet HTML 3Page - Microchip Technology DM330022 Datasheet HTML 4Page - Microchip Technology DM330022 Datasheet HTML 5Page - Microchip Technology DM330022 Datasheet HTML 6Page - Microchip Technology DM330022 Datasheet HTML 7Page - Microchip Technology DM330022 Datasheet HTML 8Page - Microchip Technology DM330022 Datasheet HTML 9Page - Microchip Technology DM330022 Datasheet HTML 10Page - Microchip Technology DM330022 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
 2018 Microchip Technology Inc.
DS50002756A-page 7
dsPIC33CK256MP508
PIM:78
74
RP64/PWM4L/PMD0/RD0
Direct Connection
PIM:79
40
AN16/ISRC2/RP55/PMD8/PMA8/RC7
Direct Connection
PIM:80
73
RP65/PWM4H/RD1
Direct Connection
PIM:81
—
—
Not Connected
PIM:82
77
RE14
Direct Connection
PIM:83
54
RP69/PMA15/PMCS2/RD5
Direct Connection
PIM:84
39
RE7
Direct Connection
PIM:85
27
RP76/RD12
Direct Connection
PIM:86(3)
12, 31, 51, 71
VDD
Digital Power (DVDD)
PIM:87
—
—
Not Connected
PIM:88
—
—
Not Connected
PIM:89
14
ANN2/RP77/RD13
Direct Connection
PIM:90
79
RE15
Direct Connection
PIM:91
—
—
Not Connected
PIM:92
13
RP78/PCI21/RD14
Direct Connection
PIM:93
3
RP47/PWM1L/PMD6/RB15
Direct Connection
PIM:94
1
RP46/PWM1H/PMD5/RB14
Direct Connection
PIM:95
46
RP56/ASDA1/SCK2/RC8
Direct Connection
PIM:96
47
RP57/ASCL1/SDI2/RC9
Direct Connection
PIM:97
—
—
Not Connected
PIM:98
80
RP45/PWM2L/PMD4/RB13
Direct Connection
PIM:99
78
TDI/RP44/PWM2H/PMD3/RB12
Direct Connection
PIM:100
76
TCK/RP43/PWM3L/PMD2/RB11
Direct Connection
TABLE 3:
DEVICE TO PIM MAPPING (SORTED BY PIM PIN NUMBER) (CONTINUED)
PIM
Pin #
Device Pin #
dsPIC33CK256MP508 Device
Functional Description
Remarks
Note 1: The PIM pin is directly connected to the device pin through a 0 Ohm resistor (default), which can be removed if desired.
2: The PIM pin can be connected to a device pin through a 0 Ohm resistor, if required. For proper operation, ensure that
other 0 Ohm resistors connecting to the same device pin are removed.
3: Digital Power (DVDD) pins are shorted together on the PIM.
4: Digital Ground (DGND) pins are shorted together on the PIM.
5: Analog Ground (AGND) connection via PIM:31 is shorted with Digital Ground (DGND) through 0 Ohm resistor, R27, on the PIM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com