Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM330022 Datasheet(PDF) 1 Page - Microchip Technology

Part # DM330022
Description  dsPIC33CK256MP508 Motor Control Plug-In Module (PIM) Information Sheet for Internal Op Amp Configuration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330022 Datasheet(HTML) 1 Page - Microchip Technology

  DM330022 Datasheet HTML 1Page - Microchip Technology DM330022 Datasheet HTML 2Page - Microchip Technology DM330022 Datasheet HTML 3Page - Microchip Technology DM330022 Datasheet HTML 4Page - Microchip Technology DM330022 Datasheet HTML 5Page - Microchip Technology DM330022 Datasheet HTML 6Page - Microchip Technology DM330022 Datasheet HTML 7Page - Microchip Technology DM330022 Datasheet HTML 8Page - Microchip Technology DM330022 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 2018 Microchip Technology Inc.
DS50002756A-page 1
dsPIC33CK256MP508
The dsPIC33CK256MP508 Internal Op Amp Motor
Control PIM (P/N: MA330041-2) is designed to
demonstrate the motor control capabilities of the
dsPIC33CK256MP508
device
using
the
internal
op amps of the device.
The
dsPIC33CK256MP508
device
is
a
high-
performance, 16-bit Digital Signal Controller (DSC).
This Motor Control PIM is designed to take advantage
of the high-resolution PWM (with fine edge place-
ment) peripheral in the device. The PWM, along with
other peripherals, such as the ADC, enable motor
control applications.
The PIM can be used to demonstrate and develop
motor control applications by inserting it in the 100-pin
PIM interface header provided on the compatible
motor control development boards (see Table 1). The
PIM is designed to run a single motor with all the
compatible development boards. When operating this
PIM on
the dsPICDEM™
MCLV-2
Development
Board, insert an internal op amp configuration matrix
board (see Figure 2) on the J14 header provided on
the board. In the case of dsPICDEM MCHV-2/MCHV-3
Development Boards, insert an internal op amp
configuration matrix board on to the J4 header (as
shown in Figure 2) on the board. The PIM design
also supports dual motor control on the Low-Voltage
Motor Control Bundle (DV330100).
For
additional
information
regarding
development
boards, refer to the respective user’s guides available
on the Microchip web site (www.microchip.com).
Table 1
provides
information
on
the
hardware
versions of the motor control boards that are
compatible with this PIM. Refer to the specific motor
control board user’s guide for the hardware version
identification information.
FIGURE 1:
dsPIC33CK256MP508
INTERNAL OP AMP MOTOR
CONTROL PIM (MA330041-2)
FIGURE 2:
INTERNAL OP AMP
CONFIGURATION BOARD
TABLE 1:
HARDWARE COMPATIBILITY
Development Board
Part Number
Compatible Hardware Version(s)
dsPICDEM™ MCHV Development Board
DM330023
Not Compatible
dsPICDEM MCLV Development Board
DM330021
Not Compatible
dsPICDEM MCSM Development Board
DM330022
Not Compatible
dsPICDEM MCHV-3 Development Board
DM330023-3
All Revisions
dsPICDEM MCHV-2 Development Board
DM330023-2
All Revisions
dsPICDEM MCLV-2 Development Board
DM330021-2
All Revisions
Low-Voltage Motor Control Development Bundle
DV330100
All Revisions
Warning: Do not connect non-isolated oscilloscope probes to the test points on the PIM while using with the dsPICDEM
MCHV-2 or MCHV-3 Development Board. Failure to heed this warning could result in hardware damage.
dsPIC33CK256MP508 Motor Control Plug-In Module (PIM)
Information Sheet for Internal Op Amp Configuration


Similar Part No. - DM330022

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DM330022 MICROCHIP-DM330022 Datasheet
315Kb / 6P
dsPIC33EP256MC506 Plug-In Module (PIM) Information Sheet for External Op Amp Configuration
More results

Similar Description - DM330022

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122 Datasheet
58Kb / 8P
Rail-to-Rail Dual Op Amp Preliminary Information
MIC861 MICREL-MIC861 Datasheet
173Kb / 12P
Teeny Ultra Low Power Op Amp Final Information
logo
Sanyo Semicon Device
STK6922 SANYO-STK6922 Datasheet
93Kb / 1P
DC AMP AND OP AMP FOR DC,AC MOTOR DRIVE
logo
Microchip Technology
PIC24EPXXX810 MICROCHIP-PIC24EPXXX810 Datasheet
245Kb / 2P
Dual Motor Control Plug-In Module (PIM) Information Sheet
2011
DSPIC33EP512GM710 MICROCHIP-DSPIC33EP512GM710 Datasheet
177Kb / 6P
dsPIC33EP512GM710 100-Pin TQFP to 100-Pin Plug-In Module (PIM) Information Sheet
11/29/12
PIC32MK MICROCHIP-PIC32MK Datasheet
250Kb / 8P
PIC32MK 100-pin Motor Control Plug-In Module (PIM) Information Sheet
10/25/17
PIC32MX270F256D MICROCHIP-PIC32MX270F256D Datasheet
183Kb / 8P
PIC32MX270F256D Bluetooth짰 Audio 44-pin to 100-pinTQFP Plug-In Module (PIM) Information Sheet
03/25/14
PIC32MX270F512L MICROCHIP-PIC32MX270F512L Datasheet
186Kb / 6P
PIC32MX270F512L Bluetooth짰 Audio 100-pin to 100-pinTQFPPlug-In Module (PIM) Information Sheet
03/25/14
PIC32MX570F512L MICROCHIP-PIC32MX570F512L Datasheet
155Kb / 8P
PIC32MX570F512L 100-pin to 100-pin TQFP CAN-USB Plug-In Module (PIM) Information Sheet
03/25/14
logo
Maxim Integrated Produc...
MAX44267EVKIT MAXIM-MAX44267EVKIT Datasheet
793Kb / 7P
Accommodate Multiple Op-Amp Configuration
19-7520; Rev 0; 2/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com