Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM330022 Datasheet(PDF) 10 Page - Microchip Technology

Part # DM330022
Description  dsPIC33CK256MP508 Motor Control Plug-In Module (PIM) Information Sheet for Internal Op Amp Configuration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330022 Datasheet(HTML) 10 Page - Microchip Technology

Back Button DM330022 Datasheet HTML 4Page - Microchip Technology DM330022 Datasheet HTML 5Page - Microchip Technology DM330022 Datasheet HTML 6Page - Microchip Technology DM330022 Datasheet HTML 7Page - Microchip Technology DM330022 Datasheet HTML 8Page - Microchip Technology DM330022 Datasheet HTML 9Page - Microchip Technology DM330022 Datasheet HTML 10Page - Microchip Technology DM330022 Datasheet HTML 11Page - Microchip Technology DM330022 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
dsPIC33CK256MP508 Motor Control Plug-In Module (PIM) Information Sheet for Internal Op Amp Configuration
Schematic Revision 1.0
Designed with
Altium.com
0.1 μF
16V
C5
0.1 μF
16V
C6
0.1 μF
16V
C2
0.1 μF
16V
C3
0.1 μF
16V
C4
48
48
4
4
21
21
22
22
23
23
72
72
71
71
70
70
69
69
41
41
42
42
43
43
1
1
44
44
10
10
5
5
100
100
24
24
25
25
82
82
83
83
84
84
85
85
86
86
87
87
81
81
80
80
91
91
90
90
9
9
15
15
79
79
78
78
77
77
76
76
11
11
6
6
99
99
36
36
35
35
75
75
96
96
74
74
73
73
12
12
7
7
50
50
49
49
30
30
31
31
29
29
28
28
34
34
33
33
32
32
40
40
39
39
98
98
97
97
95
95
94
94
8
8
68
68
65
65
13
13
89
89
88
88
56
56
55
55
54
54
53
53
64
64
67
67
66
66
14
14
63
63
62
62
61
61
52
52
51
51
60
60
59
59
58
58
57
57
3
3
2
2
26
26
27
27
38
38
37
37
93
93
92
92
16
16
17
17
47
47
45
45
46
46
18
18
19
19
20
20
PIM 4x25 Female
PIM1
dsPIC33CK256MP508 Internal Op Amp Motor Control PIM
PIM:01
MCLR
DVDD
DGND
AVDD
AGND
DVDD
DGND
dsPIC_PIN_43
DVDD
DGND
PIM:94
DVDD
DGND
PIM:01
PIM:03
PIM:04
PIM:05
PIM:06
PIM:07
PIM:08
PIM:09
PIM:10
PIM:11
PIM:12
PIM:14
PIM:17
PIM:18
PIM:19
PIM:20
PIM:21
PIM:22
PIM:23
PIM:24
PIM:25
DVDD
DVDD
DGND
MCLR
PIM:26
PIM:27
PIM:28
PIM:29
PIM:32
PIM:33
PIM:34
PIM:35
PIM:38
PIM:39
PIM:40
PIM:41
PIM:42
PIM:43
PIM:44
PIM:47
PIM:48
PIM:49
PIM:50
DVDD
DVDD
DGND
DGND
AGND
AVDD
PIM:51
PIM:52
PIM:53
PIM:54
PIM:55
PIM:56
PIM:57
PIM:58
PIM:59
PIM:60
PIM:61
PIM:63
PIM:64
PIM:66
PIM:67
PIM:68
PIM:69
PIM:70
PIM:71
PIM:72
PIM:73
PIM:74
DVDD
DGND
DGND
PIM:76
PIM:77
PIM:78
PIM:79
PIM:80
PIM:81
PIM:82
PIM:83
PIM:84
PIM:85
PIM:87
PIM:88
PIM:89
PIM:90
PIM:91
PIM:92
PIM:93
PIM:94
PIM:95
PIM:96
PIM:97
PIM:98
PIM:99
PIM:100
DVDD
dsPIC_PIN_41
AGND
DGND
4.7 μF
25V
TANT-B
C7
0R
0805
R27
RP46/PWM1H/PMD5/RB14
1
AN20/RE0
2
RP47/PWM1L/PMD6/RB15
3
AN21/RE1
4
RP60/PWM8H/PMD7/RC12
5
RP61/PWM8L/PMA5/RC13
6
RP62/PWM6H/PMA4/RC14
7
RP63/PWM6L/PMA3/RC15
8
MCLR
9
RP79/PCI22/PMA2/RD15
10
VSS
11
VDD
12
RP78/PCI21/RD14
13
ANN2/RP77/RD13
14
AN12/ANN0/RP48/RC0
15
OA1OUT/AN0/CMP1A/IBIAS0/RA0
16
AN22/RE2
17
OA1IN-/ANA1/RA1
18
AN23/RE3
19
OA1IN+/AN9/PMA6/RA2
20
DACOUT1/AN3/CMP1C/RA3
21
RE4
22
OA3OUT/AN4/CMP3B/IBIAS3/RA4
23
RE5
24
AVDD
25
AVSS
26
RP76/RD12
27
OA3IN-/AN13/CMP1B/ISRC0/RP49/PMA7/RC1
28
OA3IN+/AN14/CMP2B/ISRC1/RP50/PMD13/PMA13/RC2
29
AN17/ANN1/IBIAS1/RP54/PMD12/PMA12/RC6
30
VDD
31
VSS
32
AN15/CMP2A/IBIAS2/RP51/PMD11/PMA11/RC3
33
OSCI/CLKI/AN5/RP32/PMD10/PMA10/RB0
34
OSCO/CLKO/AN6/RP33/PMA1/PMALH/PSA1/RB1
35
AN19/CMP2C/RP75/PMA0/PMALL/PSA0/RD11
36
RE6
37
AN18/CMP3C/ISRC3/RP74/PMD9/PMA9/RD10
38
RE7
39
AN16/ISRC2/RP55/PMD8/PMA8/RC7
40
OA2OUT/AN1/AN7/ANA0/CMP1D/CMP2D/CMP3D/RP34/SCL3/INT0/RB2
41
RE8
42
PGD2/OA2IN-/AN8/RP35/RB3
43
RE9
44
PGC2/OA2IN+/RP36/RB4
45
RP56/ASDA1/SCK2/RC8
46
RP57/ASCL1/SDI2/RC9
47
RP73/PCI20/RD9
48
RP72/SDO2/PCI19/RD8
49
VSS
50
VDD
51
RP71/PMD15/RD7
52
RP70/PMD14/RD6
53
RP69/PMA15/PMCS2/RD5
54
PGD3/RP37/SDA2/PMA14/PMCS1/PSCS/RB5
55
PGC3/RP38/SCL2/RB6
56
RE10
57
TDO/AN2/CMP3A/RP39/SDA3/RB7
58
RE11
59
PGD1/AN10/RP40/SCL1/RB8
60
PGC1/AN11/RP41/SDA1/RB9
61
RE12
62
RP52/PWM5H/ASDA2/RC4
63
RE13
64
RP53/PWM5L/ASCL2/PMWR/PMENB/PSWR/RC5
65
RP58/PWM7H/PMRD/PMWR/PSRD/RC10
66
RP59/PWM7L/RC11
67
RP68/ASDA3/RD4
68
RP67/ASCL3/RD3
69
VSS
70
VDD
71
RP66/RD2
72
RP65/PWM4H/RD1
73
RP64/PWM4L/PMD0/RD0
74
TMS/RP42/PWM3H/PMD1/RB10
75
TCK/RP43/PWM3L/PMD2/RB11
76
RE14
77
TDI/RP44/PWM2H/PMD3/RB12
78
RE15
79
RP45/PWM2L/PMD4/RB13
80
dsPIC33CK256MP508
U1
PIM:78
PIM:80
PIM:47
PIM:48
PIM:61
PIM:83
PIM:50
PIM:49
PIM:18
PIM:10
PIM:35
PIM:32
PIM:43
PIM:55
PIM:20
PIM:22
PIM:21
PIM:33
PIM:69
PIM:68
PIM:84
PIM:60
PIM:40
PIM:41
PIM:59
PIM:34
PIM:82
PIM:90
PIM:05
PIM:04
PIM:08
PIM:09
PIM:06
PIM:07
PIM:96
PIM:95
PIM:79
PIM:54
PIM:76
PIM:23
PIM:93
PIM:98
PIM:99
PIM:100
PIM:03
PIM:25
PIM:17
PIM:14
PIM:26
PIM:27
PIM:64
PIM:63
PIM:12
PIM:19
PIM:92
PIM:89
1k
R1
1k
R2
1k
R4
1k
R3
470 pF
C8
470 pF
C10
30k
R5
30k
R6
dsPIC_PIN_45
PIM:66
PIM:74
AGND
AGND
PIM:22
PIM:28
dsPIC_PIN_28
dsPIC_PIN_23
1k
R8
1k
R9
1k
R11
1k
R10
470pF
C11
470 pF
C13
30k
R12
30k
R13
dsPIC_PIN_29
PIM:66
PIM:73
AGND
AGND
PIM:21
PIM:28
dsPIC_PIN_18
dsPIC_PIN_16
DNP
R15
DNP
R16
DNP
R18
DNP
R17
DNP
C14
DNP
C16
DNP
R22
dsPIC_PIN_20
PIM:67
PIM:66
AGND
AGND
PIM:28
DNP
R19
DNP
R20
DNP
R21
AGND
PIM:24
PIM:56
dsPIC_PIN_18
0R
0603
R23
0603
DNP
R24
PIM:25
PIM:57
dsPIC_PIN_16
0R
0603
R25
0603
DNP
R26
dsPIC_PIN_43
dsPIC_PIN_45
dsPIC_PIN_41
dsPIC_PIN_28
dsPIC_PIN_29
dsPIC_PIN_23
dsPIC_PIN_18
dsPIC_PIN_16
dsPIC_PIN_20
PIM:12
0603
DNP
R14
0603
DNP
R7
1000 pF
C9
1000 pF
C12
DNP
C15
PIM:85
PIM:11
AGND
OA2
OA3
OA1
TP LOOP Black
DGND
TP LOOP Black
AGND
DAC
The operational amplifiers OA1, OA2 and OA3 are internal to dsPIC33CK256MP508
0.01 μF
C1
0.01 μF
C17
0.01 μF
C18
0.01uF
C20
0.01 μF
C19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com