Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2290 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2290
Description  2mm × 2mm PWM Boost Regulator with Internal Schotty Diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2290 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2290 Datasheet HTML 1Page - Microchip Technology MIC2290 Datasheet HTML 2Page - Microchip Technology MIC2290 Datasheet HTML 3Page - Microchip Technology MIC2290 Datasheet HTML 4Page - Microchip Technology MIC2290 Datasheet HTML 5Page - Microchip Technology MIC2290 Datasheet HTML 6Page - Microchip Technology MIC2290 Datasheet HTML 7Page - Microchip Technology MIC2290 Datasheet HTML 8Page - Microchip Technology MIC2290 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC2290
October 2007
4
M9999-101907
Typical Characteristics
50
55
60
65
70
75
80
85
90
0
25
50
75
100
OUTPUT CURRENT (mA)
Efficiency at V
OUT = 12V
V
IN = 4.2V
V
IN = 3.6V
V
IN = 3.3V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
2.5
4
5.5
7
8.5
10
SUPPLY VOLTAGE (V)
Current Limit
vs. Supply Voltage
0
100
200
300
400
500
600
700
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Switch Saturation Voltage
vs. Temperature
V
IN = 3.6V
I
SW
= 500mA
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
-40-20 0 20 40 60 80100 120
TEMPERATURE (°C)
Frequency
vs. Temperature
85
87
89
91
93
95
97
99
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Maximum Duty Cycle
vs. Temperature
V
IN = 3.6V
0
100
200
300
400
500
600
700
-40-20 0 20 40 60 80100 120
TEMPERATURE (°C)
FB Pin Current
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com