Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2290 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC2290
Description  2mm × 2mm PWM Boost Regulator with Internal Schotty Diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2290 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC2290 Datasheet HTML 5Page - Microchip Technology MIC2290 Datasheet HTML 6Page - Microchip Technology MIC2290 Datasheet HTML 7Page - Microchip Technology MIC2290 Datasheet HTML 8Page - Microchip Technology MIC2290 Datasheet HTML 9Page - Microchip Technology MIC2290 Datasheet HTML 10Page - Microchip Technology MIC2290 Datasheet HTML 11Page - Microchip Technology MIC2290 Datasheet HTML 12Page - Microchip Technology MIC2290 Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micrel, Inc.
MIC2290
October 2007
10
M9999-101907
Application Circuits
L1
4.7µH
C2
10µF
6.3V
R2
5k
R1
15k
MIC2290
VIN
VIN
3.3V
VOUT
5V @ 180mA
EN
SW
FB
GND
GND
OUT
GND
C1
2.2µF
6.3V
C1
2.2µF, 6.3V, 0805 X5R Ceramic Capacitor
08056D475MAT
AVX
C2
10µF, 6.3V, 0805 X5R Ceramic Capacitor
08056D106MAT
AVX
L1
4.7µH, 450mA Inductor
LQH32CN4R7N11
Murata
Figure 3. 3.3VIN to 5VOUT @ 180mA
L1
10µH
C2
10µF
16V
R2
5k
R1
31.6k
MIC2290
VIN
VIN
3V to 4.2V
VOUT
9V @ 80mA
EN
SW
FB
GND
GND
OUT
GND
C1
2.2µF
6.3V
C1
2.2µF, 6.3V, 0603 X5R Ceramic Capacitor
06036D225MAT
AVX
C2
10µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
L1
10µH, 450mA Inductor
LQH32CN100K11
Murata
Figure 4. 3.3VIN to 4.2VOUT to 9VOUT @ 80mA
L1
10µH
C2
10µF
16V
R2
5k
R1
43.2k
MIC2290
VIN
VIN
3V to 4.2V
VOUT
12V @ 50mA
EN
SW
FB
GND
GND
OUT
GND
C1
2.2µF
6.3V
C1
2.2µF, 6.3V, 0603 X5R Ceramic Capacitor
06036D225MAT
AVX
C2
10µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
L1
10µH, 450mA Inductor
LQH32CN100K11
Murata
Figure 5. 3.3VIN to 4.2VOUT to 12VOUT @ 50mA
L1
10µH
C2
10µF
16V
R2
5k
R1
54.9k
MIC2290
VIN
VIN
3V to 4.2V
VOUT
15V @ 45mA
EN
SW
FB
GND
GND
OUT
GND
C1
2.2µF
6.3V
C1
2.2µF, 6.3V, 0603 X5R Ceramic Capacitor
06036D225MAT
AVX
C2
10µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
L1
10µH, 450mA Inductor
LQH32CN100K11
Murata
Figure 6. 3.3VIN to 4.2VOUT to 15VOUT @ 45mA
L1
10µH
C2
10µF
16V
R2
5k
R1
31.6k
MIC2290
VIN
VIN
5V
VOUT
9V @ 160mA
EN
SW
FB
GND
GND
OUT
GND
C1
2.2µF
6.3V
C1
2.2µF, 6.3V, 0603 X5R Ceramic Capacitor
06036D225MAT
AVX
C2
10µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
L1
10µH, 450mA Inductor
LQH32CN100K11
Murata
Figure 7. 5VIN to 9VOUT @ 160mA
L1
10µH
C2
10µF
16V
R2
5k
R1
43.2k
MIC2290
VIN
VIN
5V
VOUT
12V @ 110mA
EN
SW
FB
GND
GND
OUT
GND
C1
2.2µF
6.3V
C1
2.2µF, 6.3V, 0603 X5R Ceramic Capacitor
06036D225MAT
AVX
C2
10µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
L1
10µH, 450mA Inductor
LQH32CN100K11
Murata
Figure 8. 5VIN to 12VOUT @ 110mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com