Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2290 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC2290
Description  2mm × 2mm PWM Boost Regulator with Internal Schotty Diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2290 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC2290 Datasheet HTML 5Page - Microchip Technology MIC2290 Datasheet HTML 6Page - Microchip Technology MIC2290 Datasheet HTML 7Page - Microchip Technology MIC2290 Datasheet HTML 8Page - Microchip Technology MIC2290 Datasheet HTML 9Page - Microchip Technology MIC2290 Datasheet HTML 10Page - Microchip Technology MIC2290 Datasheet HTML 11Page - Microchip Technology MIC2290 Datasheet HTML 12Page - Microchip Technology MIC2290 Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Micrel, Inc.
MIC2290
October 2007
12
M9999-101907
Package Information
8-Pin 2mm x 2mm MLF
® (ML)
Grey Shaded area indica tes Thermal Via. Size should be 0.300mm in diameter and it should
be connected to GND for maximum thermal performance
Recommended Land Pattern for (2mm x 2mm) 8-Pin MLF
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com