Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2290 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC2290
Description  2mm × 2mm PWM Boost Regulator with Internal Schotty Diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2290 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC2290 Datasheet HTML 5Page - Microchip Technology MIC2290 Datasheet HTML 6Page - Microchip Technology MIC2290 Datasheet HTML 7Page - Microchip Technology MIC2290 Datasheet HTML 8Page - Microchip Technology MIC2290 Datasheet HTML 9Page - Microchip Technology MIC2290 Datasheet HTML 10Page - Microchip Technology MIC2290 Datasheet HTML 11Page - Microchip Technology MIC2290 Datasheet HTML 12Page - Microchip Technology MIC2290 Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Micrel, Inc.
MIC2290
October 2007
11
M9999-101907
L1
10µH
C2
4.7µF
25V
R2
1k
R1
18.2k
MIC2290
VIN
VIN
5V
VOUT
24V @ 40mA
EN
SW
FB
GND
GND
OUT
GND
C1
2.2µF
6.3V
C1
2.2µF, 6.3V, 0603 X5R Ceramic Capacitor
06036D225MAT
AVX
C2
4.7µF, 25V, 1206 X5R Ceramic Capacitor
12063D475MAT
AVX
L1
10µH, 450mA Inductor
LQH32CN100K11
Murata
Figure 9. 5VIN to 24VOUT @ 40mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com