Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP47 Datasheet(PDF) 3 Page - Juniper Networks, Inc.

Part # AP47
Description  AP47 ACCESS POINT DATASHEET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP47 Datasheet(HTML) 3 Page - Juniper Networks, Inc.

  AP47 Datasheet HTML 1Page - Juniper Networks, Inc. AP47 Datasheet HTML 2Page - Juniper Networks, Inc. AP47 Datasheet HTML 3Page - Juniper Networks, Inc. AP47 Datasheet HTML 4Page - Juniper Networks, Inc. AP47 Datasheet HTML 5Page - Juniper Networks, Inc. AP47 Datasheet HTML 6Page - Juniper Networks, Inc. AP47 Datasheet HTML 7Page - Juniper Networks, Inc. AP47 Datasheet HTML 8Page - Juniper Networks, Inc. AP47 Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Analytics cloud services
Juniper Mist Premium Analytics
For network teams
• Baseline analytics features come included with Wi-Fi
Assurance, User Engagement, and Asset Visibility subscriptions
• End-to-end network visibility
• Orchestrated networking and application performance queries
• Simplified network transparency
For business teams
• Baseline analytics features come included with Wi-Fi
Assurance, User Engagement, and Asset Visibility subscriptions
• Customer segmentation and reporting based on visitor
telemetry
• Customized1 Dwell and third-party reporting for traffic and
trend analysis
• Correlation of customer-guest traffic and trend analysis
• Correlated customer-guest traffic and trend analysis
Access Point Features
High-Performance Wi-Fi
The AP47 Series is a four
‑radio, 802.11be Wi‑Fi 7 access point.
Three four
‑spatial stream data serving radios with maximum data
rates of 11528 Mbps in the 6 GHz band, 5764 Mbps in the 5 GHz
band, and 1376 Mbps in the 2.4 GHz band. A dedicated fourth
tri
‑band scanning radio providing WIDS/WIPS, spectrum analysis,
sensor and location analytics. With 802.11be Multi-Link Operation
(MLO), Orthogonal Frequency Division Multiple Access (OFDMA),
Multi
‑User Multiple Input Multiple Output (MU‑MIMO), and BSS
Coloring technologies, the AP47 Series offers performance at
unprecedented levels to support new bandwidth
‑hungry
applications and soaring device densities.
Wi-Fi 7 Amendment
The new 802.11be amendment (Wi-Fi 7) expands the capabilities
of Wi
‑Fi 6E, including the use of up to 1200 MHz of the 6 GHz
band for higher throughput and improved application performance.
New capabilities include 320 MHz channels which provides double
the throughput, Multi
‑Link Operation (MLO) for more efficient load
balancing and failover, Multi
‑Resource Units (Multi‑RU), preamble
puncturing, and 4K QAM for higher transmission rates and better
user experiences. Only Wi
‑Fi 7 and 6E client devices can use the 6
GHz band so there is no interference due to IoT or legacy devices.
AP Redundancy
Automation in Juniper Mist helps simplify the validation of AP
placements and AP
‑switch uplinks for highly‑redundant coverage in
mission
‑critical deployments. In addition, the AP47 provides high
availability with two 10 Gbps Ethernet ports for seamless failover
for both data and power. The dual ports provide business
continuity for mission
‑critical applications.
AI for AX
Juniper automates and optimizes Wi
‑Fi 7 features with AI for AX
capabilities to optimize BSS Coloring, improve data transmission
scheduling within OFDMA and MU
‑MIMO, and assign clients to the
best radio to boost the overall performance of the network.
Improved IoT Operations
The AP47 Series extends network monitoring and insights to vBLE,
Thread*, Zigbee*, or Matter* to increase IoT capabilities with dual
802.15.4 radios for concurrent location services and electronic
shelf labels (ESL). Ultra
‑wideband (UWB) ready.
*future
Greater Spectral Efficiency
OFDMA improves spectral efficiency so that an increasing density
of devices can be supported on the network. Density has become
an issue with the rapid growth of IoT devices that often utilize
smaller data packets than mobile devices and, hence, increase the
burden and contention on the network. Additionally, BSS Coloring
improves the coexistence of overlapping BSSs and allows spatial
reuse within a given channel by reducing packet collisions.
Automatic RF Optimization
Reliable RF optimization is even more critical with the addition of
6GHz spectrum. Radio Resource Management uses a dedicated
sensor radio to automate dynamic channel and power assignments,
thus avoiding Wi
‑Fi and external sources of interference. The AI
engine continuously monitors coverage and capacity SLE metrics to
learn and optimize the RF environment. A learning algorithm uses
hysteresis on a 24
‑hour window to conduct a sitewide rebalancing
for optimal channel and power assignment.
The Automatic Frequency Coordination (AFC) mandated by the
FCC specifies that when using the 6 GHz band (in the US) with
either an access point that has a removable external antenna or a
weatherized access point, it must operate in Standard Power (SP)
mode. The AP47E
‑US access point will operate in SP mode on 6
GHz in the US, while the AP47 and AP47D access points will
initially operate in Lower Power Indoor (LPI) mode, with the future
AP47 Access Point Datasheet
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com