Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP47 Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # AP47
Description  AP47 ACCESS POINT DATASHEET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP47 Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  AP47 Datasheet HTML 1Page - Juniper Networks, Inc. AP47 Datasheet HTML 2Page - Juniper Networks, Inc. AP47 Datasheet HTML 3Page - Juniper Networks, Inc. AP47 Datasheet HTML 4Page - Juniper Networks, Inc. AP47 Datasheet HTML 5Page - Juniper Networks, Inc. AP47 Datasheet HTML 6Page - Juniper Networks, Inc. AP47 Datasheet HTML 7Page - Juniper Networks, Inc. AP47 Datasheet HTML 8Page - Juniper Networks, Inc. AP47 Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP47 ACCESS POINT DATASHEET
Product Description
The Juniper® AP47 indoor Wi
‑Fi 7 access point (AP) delivers multigigabit speeds, enhanced
security, and more resilient Wi
‑Fi and IoT connectivity for demanding enterprise
environments. Designed as a tri
‑band device with a dedicated fourth scanning radio, the
AP47 offers increased capacity and wider channels with less interference. It provides
unparalleled support for growing mobility demands and digital transformation while
ensuring exceptional user experiences.
Combining enterprise
‑grade Wi‑Fi with patented virtual BLE (vBLE) technology, the AP47
further enhances wireless networks through support for personalized location services,
including user engagement, asset visibility, and contact tracing. The unique engineering of
the AP47 eliminates the need for battery
‑powered BLE beacons or manual calibration. By
providing one
‑to‑three‑meter accuracy, the AP47 sets a new standard in location services
while ensuring business continuity and operational efficiency.
While wired and wireless networks are business critical, without the right architecture they
can be harder to operate given the sheer number of mobile and IoT devices—not to
mention the extensive variety of hardware, operating systems, and applications currently in
use. Traditional architectures—highly manual and network
‑centric—lack the scale, flexibility,
and end
‑to‑end visibility required to support modern mobility requirements and the IT
departments that manage them.
Juniper AI-Native Network
Juniper Mist brings true innovation to wireless networking with the world’s first AI-Native
wireless LAN (WLAN). The Juniper AI-Native Networking Platform makes Wi-Fi
predictable, reliable, and measurable, offering unprecedented visibility into the user
experience through unique service-level expectation (SLE) metrics.
Proactive, AI-driven automation and a self-healing network replace time- consuming
manual tasks, lowering Wi-Fi operational costs and saving substantial time and money. All
operations are managed using the open and programmable microservices that are based on
the Juniper Mist Cloud architecture.
The Juniper Mist Cloud architecture
The Juniper Mist cloud
‑native, AI‑driven microservices architecture delivers unparalleled
agility, scale, and resiliency to your network. It lowers OpEx and delivers unprecedented
insights into network performance, behaviors, traffic patterns, and potential trouble spots
by using data science to analyze large amounts of rich metadata collected by the Juniper
access points. Juniper AI solutions for Wi
‑Fi optimize operator and user experiences with
secure client
‑to‑cloud automation, insight, and AI‑driven actions. With Juniper’s AI‑Native
Networking Platform, purpose
‑built to leverage AIOps, the AP47 harnesses the faster
speed, power, and performance of Wi
‑Fi 7 and assures an excellent experience for all users
and devices and the best end
‑to‑end operator experiences.
Datasheet
1
Product Overview
The Juniper AP47 is Juniper’s
flagship Wi-Fi 7 access point
with built-in advanced location
services and Juniper Mist
integration.
AP47 benefits
- Maximizes 6 GHz band,
providing increased channel
width and enabling multigigabit
speeds
- Tri-band with dedicated fourth
radio for supporting growing
mobility demands
- Patented vBLE technology
delivers industry-leading indoor
location services accuracy and
ease of use
Juniper Mist benefits
- Fast and reliable deployment
and ease of ongoing
management
- Centralized control and
visibility
- Quick access to new features
and functionality with no
disruption to services
- Agility to scale as network
needs grow


Similar Part No. - AP47

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AP4 ALTECH-AP4 Datasheet
386Kb / 1P
30 mm Non-Illuminated Projecting Momentary Metal Operator APx
logo
NEC
AP400 NEC-AP400 Datasheet
394Kb / 4P
On-site wireless telephony on your IP Network
logo
LEM
AP400-B10 LEM-AP400-B10 Datasheet
56Kb / 2P
AC Current transducer AP-B10
AP400-B420L LEM-AP400-B420L Datasheet
56Kb / 2P
AC Current transducer AP-B420L
logo
Extreme Networks.
AP4000 EXTREMENETWORKS-AP4000 Datasheet
484Kb / 11P
Wi-Fi 6E Tri-Radio Indoor Access Point with Support for Multiple Extreme Operating Systems
2oct24
More results

Similar Description - AP47

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
11g Wireless Access Point
logo
Laird Tech Smart Techno...
S2406BFNM LSTD-S2406BFNM Datasheet
240Kb / 1P
Direct access point mounting
logo
STMicroelectronics
P-NUCLEO-6180X1 STMICROELECTRONICS-P-NUCLEO-6180X1 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
P-NUCLEO-6180X2 STMICROELECTRONICS-P-NUCLEO-6180X2 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
Cloud Access Point
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com