Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP47 Datasheet(PDF) 2 Page - Juniper Networks, Inc.

Part # AP47
Description  AP47 ACCESS POINT DATASHEET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP47 Datasheet(HTML) 2 Page - Juniper Networks, Inc.

  AP47 Datasheet HTML 1Page - Juniper Networks, Inc. AP47 Datasheet HTML 2Page - Juniper Networks, Inc. AP47 Datasheet HTML 3Page - Juniper Networks, Inc. AP47 Datasheet HTML 4Page - Juniper Networks, Inc. AP47 Datasheet HTML 5Page - Juniper Networks, Inc. AP47 Datasheet HTML 6Page - Juniper Networks, Inc. AP47 Datasheet HTML 7Page - Juniper Networks, Inc. AP47 Datasheet HTML 8Page - Juniper Networks, Inc. AP47 Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Juniper access point family
The real
‑time microservices in Juniper Mist Cloud manage the
Juniper access point (AP) family.
• Wi-Fi 7: AP47
• Wi-Fi 6E: AP45, AP34, AP24, and AP64
Table 1 compares the supported major functions of the Juniper
access points to help in selecting the most appropriate model(s).
Table 1: Juniper Wi-Fi 7 AP comparison chart
AP47
AP37
AP36
AP66
Deployment
Indoor
Indoor
Indoor
Indoor/Outdoor
Wi-Fi standard
Wi-Fi 7 802.11be
(4x4:4)
Wi-Fi 7 802.11be
5/6 GHz: (4x4:4)
2.4 GHz: (2x2:2)
Wi-Fi 7 802.11be
5/6 GHz: (4x4:4)
2.4 GHz: (2x2:2)
Wi-Fi 7 802.11be
(2x2:2)
Number of Wi-Fi radios
4
4
4
4
Wi-Fi radio modes
2.4/5/6 GHz + 5 GHz + 6 GHz
2.4 GHz + 5 GHz + 6 GHz
2.4 GHz + 5 GHz + 6 GHz
2.4 GHz + 5 GHz + 6 GHz
Scanning radio
Dedicated
Dedicated
Dedicated
Dedicated
Antenna options
Internal / Directional / External
Internal
Internal / Directional / External
Internal / Directional
Virtual BLE
Yes
Yes
No
No
Ultra-Wideband (UWB)
Yes
No
No
No
USB
Yes
Yes
Yes
No
IoT sensors
Pressure, temperature, accelerometer
Pressure, temperature, accelerometer
Pressure, temperature, accelerometer
Accelerometer
GNSS/GPS
L1/L5
L1/L5
L1/L5
L1/L5
Secondary Ethernet port
Yes, dual PoE failover
Yes
Yes
No
Warranty
Limited lifetime
Limited lifetime
Limited lifetime
One year
Services available for the Juniper AP47
Wi-Fi cloud services
Juniper Mist Wi-Fi Assurance
For IT and NOC teams
• Predictable and measurable Wi-Fi
• Service-Level Expectations (SLEs) support
• WxLAN policy fabric for role-based access
• Customizable guest Wi-Fi portal
• Radio Resource Management (RRM), driven by AI
Marvis™ Virtual Network Assistant
For IT helpdesk teams
• AI-powered virtual network assistant
• Natural language processing interface
• Anomaly detection
• Client SLE visibility and enforcement
• Data science-driven root-cause analysis
Bluetooth cloud services
Juniper Mist Mobile Engagement
For digital experience teams
• Accurate (1-3m) turn-by-turn navigation
• Sensor fusion with dead reckoning
• Unsupervised machine learning
• Virtual beacons with custom notifications
• Mobile SDK for iOS and Android
Juniper Mist Asset Visibility
For process and resource improvement teams
• Identification of assets by name and location visibility
• Zonal/Room accuracy for third-party tags
• Historical analytics for asset tags
• Telemetry for asset tags (temperature, motion, and other data)
• APIs for viewing assets and analytics
AP47 Access Point Datasheet
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com