Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP47 Datasheet(PDF) 6 Page - Juniper Networks, Inc.

Part # AP47
Description  AP47 ACCESS POINT DATASHEET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP47 Datasheet(HTML) 6 Page - Juniper Networks, Inc.

Back Button AP47 Datasheet HTML 2Page - Juniper Networks, Inc. AP47 Datasheet HTML 3Page - Juniper Networks, Inc. AP47 Datasheet HTML 4Page - Juniper Networks, Inc. AP47 Datasheet HTML 5Page - Juniper Networks, Inc. AP47 Datasheet HTML 6Page - Juniper Networks, Inc. AP47 Datasheet HTML 7Page - Juniper Networks, Inc. AP47 Datasheet HTML 8Page - Juniper Networks, Inc. AP47 Datasheet HTML 9Page - Juniper Networks, Inc. AP47 Datasheet HTML 10Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIMO Operation
• Four spatial stream SU-MIMO for up to 11,528 Mbps wireless
data rate to individual 4x4 EHT320
• Four spatial stream MU-MIMO for up to 11,528 Mbps wireless
data rate to up to four MU-MIMO capable client devices
simultaneously
Dedicated Fourth
Radio
2.4 GHz, 5 GHz, and 6 GHz tri-band WIDS/WIPS, spectrum analysis,
sensor and location analytics radio
AP47 Internal Omni
Antennas
Four 2.4 GHz omnidirectional antennas with 4 dBi peak gain
Four 5 GHz omnidirectional antennas with 6 dBi peak gain
Four 6 GHz omnidirectional antennas with 6 dBi peak gain
AP47D Internal
Directional
Antennas
Pattern approximately 60 x 60 degrees
Four 2.4 GHz directional antennas with 6 dBi peak gain
Four 5 GHz directional antennas with 8 dBi peak gain
Four 6 GHz directional antennas with 8 dBi peak gain
IoT Radios
Dual Multi Personality 802.15.4 radios and dual omnidirectional
antennas,
vBLE Directional Antenna Array, Bluetooth 6.0 Ultra-wideband (UWB)
Beam Forming
Transmit Beamforming and Maximal Ratio Combining
Power Options
Dual Hitless PoE PD support via Eth0 + Eth1
• 802.3bt (Class 6): Full function, tri radio 4x4. Scan, Dual IoT
radios, UWB, GPS, eth0 10 Gbps, eth1 10 Gbps, and USB
enabled
• 802.3at: Any two radios 4x4 or 2x2 with three radios. Scan, Dual
IoT radios, UWB, GPS, eth0 10 Gbps, and eth1 10 Gbps enabled.
No USB.
• 802.3af: Radios disabled, cloud connectivity only
Dimensions
AP47, AP47E : 254 mm x 254 mm x 60 mm / 10” x 10” x 2.36”
AP47D : 254 mm x 254 mm x 66 mm / 10” x 10” x 2.6”
Shipping Box
315 mm x 292 mm x 90 mm / 12.4” x 11.5” x 3.54”
Weight
AP47, AP47D, AP47E - 2.0 kg / 4.41 lbs
Operating
Temperature
AP47, AP47D - 0° to 40°C (32° – 104°F), AP47E -20° to 50°C (-4°F –
122°F)
Operating Humidity 10% to 90% maximum relative humidity, non-condensing
Operating Altitude 3,048 m (10,000 ft)
Trusted Platform
Module (TPM)
Includes a TPM for infrastructure security
Supported
Frequency Bands
(Country-Specific
Restrictions Apply)
2.400 to 2.4835 GHz ISM
5.150 to 5.250 GHz U-NII-1
5.250 to 5.350 GHz U-NII-2A
5.470 to 5.725 GHz U-NII-2C
5.725 to 5.850 GHz U-NII-3/ISM
5.850 to 5.895 GHz U-NII-4
5.925 to 6.425 GHz U-NII-5
6.425 to 6.525 GHz U-NII-6
6.525 to 6.875 GHz U-NII-7
6.875 to 7.125 GHz U-NII-8
I/O and Indicators
IoT Sensors
Pressure, Temperature, Accelerometer
USB
USB 2.0 support interface, 900 mA output
Eth0
100/1000/2500/5000/10000Base-T (802.3bz); RJ45; PoE PD;
MACsec (802.1AE)
Eth1
100/1000/2500/5000/10000Base-T (802.3bz); RJ45; PoE PD
AP47E External
Antenna
Three pluggable antenna connectors; 2.4/5/6 GHz (6 pin), 6 GHz +
Scan (6 pin), 5 GHz (4 pin)
Reset
Reset to the factory default settings
Indicators
One multicolor status LED
Traffic Forwarding
Options
Eth0, Eth1, Juniper Mist Edge
Mounting Brackets
APBR-U2
Universal bracket
APBR-ADP-M16
16mm threaded rod (M16-2)
APBR-ADP-T58
5/8” Threaded Rod
APBR-ADP-CR9
9/16” T-Rail, Channel Rail
APBR-ADP-RT15
15/16” T-Rail
APBR-ADP-WS15
1-1/2” T-Rail
APBR-ADP-T12
1/2” threaded rod
2
The AP package includes one Universal Bracket.
Ordering information
United States Only
AP47-US (Internal Omni Antenna)
AP47D-US (Internal Directional Antenna)
AP47E-US (External Antenna)
Outside of United States
AP47-WW (Internal Omni Antenna)
AP47D-WW (Internal Directional Antenna)
AP47E-WW (External Antenna)
* Juniper products are manufactured in accordance with local regulations specific to certain regions and countries. For
example, customers should not use any SKUs designated for outside of the US in the US. Customers are responsible for
ensuring that any regional or country-specific SKUs are only used in the specified authorized area and accept all
associated liability. Failure to comply with the applicable regional designations of SKUs may void the warranty of the
Juniper products.
AP47 Access Point Datasheet
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com