Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS2375LM6F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STHS2375LM6F
Description  IEEE 802.3af PoE Powered Device (PD) interface controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS2375LM6F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STHS2375LM6F Datasheet HTML 4Page - STMicroelectronics STHS2375LM6F Datasheet HTML 5Page - STMicroelectronics STHS2375LM6F Datasheet HTML 6Page - STMicroelectronics STHS2375LM6F Datasheet HTML 7Page - STMicroelectronics STHS2375LM6F Datasheet HTML 8Page - STMicroelectronics STHS2375LM6F Datasheet HTML 9Page - STMicroelectronics STHS2375LM6F Datasheet HTML 10Page - STMicroelectronics STHS2375LM6F Datasheet HTML 11Page - STMicroelectronics STHS2375LM6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Summary description
STHS237x
8/20
Figure 4.
Application circuit overview (STHS2375A/L, STHS2377A/L)
Note:
This configuration uses either data wires or spare wires for DC power.
Table 3.
IEEE802.3af PD power classes and corresponding RCLASS values
Class
Usage
Max. Power at Input of
PD (W)
Classification Load
Current Limits (mA)
RCLASS Resistor
(
Ω, 1%)
0
Default
0.44 to 12.95
0-4
4420
1
Optional
0.44 to 3.84
9-12
953
2
Optional
3.84 to 6.49
17-20
549
3
Optional
6.49 to 12.95
26-30
357
4
Reserved
Reserved(1)
1.
Class 4 is currently reserved and should not be used.
36-44
255
Data to Ethernet Physical Layer Device
100
k
Ω
100µF,
100V
+
0.1µF,
100V
To DC/DC
Converter
Data to Ethernet Physical Layer Device
CLASS
ILIM
SMAJ58A
RCLASS
RDET
RILIM
STHS2375A/L
STHS2377A/L
VSS
VDD
RTN
AI12240a
2x DF01S
RX
Pair
Spare
Pair
Spare
Pair
RJ-45
TX
Pair
PG
DET
C1
C2
24.9k
Ω,
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com