Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS2375LM6F Datasheet(PDF) 14 Page - STMicroelectronics

Part # STHS2375LM6F
Description  IEEE 802.3af PoE Powered Device (PD) interface controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS2375LM6F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STHS2375LM6F Datasheet HTML 10Page - STMicroelectronics STHS2375LM6F Datasheet HTML 11Page - STMicroelectronics STHS2375LM6F Datasheet HTML 12Page - STMicroelectronics STHS2375LM6F Datasheet HTML 13Page - STMicroelectronics STHS2375LM6F Datasheet HTML 14Page - STMicroelectronics STHS2375LM6F Datasheet HTML 15Page - STMicroelectronics STHS2375LM6F Datasheet HTML 16Page - STMicroelectronics STHS2375LM6F Datasheet HTML 17Page - STMicroelectronics STHS2375LM6F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Electrical parameters STHS237xA, STHS237xL
STHS237x
14/20
1.
Classification tested with exact resistor values. A 1% tolerance of classification resistor values is sufficient for compliance
with IEEE 802.3af classification current limits.
2.
Percentage of the intial steady state RTN inrush current value, below which inrush is terminated and PG goes active.
3.
Not tested in production.
4.
Gradually increase VRTN from 0V until IRTN disappears.
PG deglitch
Delay rising and falling PG
75
150
225
µs
VPG(OL)
Output low voltage
IPG = 2mA, VRTN = 34V,
VVDD = 38V, VRTN falling
0.12
0.4
V
IPG = 2mA, VRTN = 0V, VVDD = 25V, for
STHS2376x VUVLO = 0V
0.12
0.4
V
IOL(PG)
PG pin leakage current
VVDD = VPG = 57V, VRTN = 0V
0.1
1
µA
Undervoltage lockout (UVLO)
VUVLO(R)
UVLO Thresholds,
STHS2375x
Voltage at VDD pin, VVDD rising
38.4
39.3
40.4
V
VUVLO(F)
Voltage at VDD pin, VVDD falling
29.6
30.5
31.5
V
VUVLO(H)
Hysteresis
8.3
8.8
9.1
V
VUVL(R)
UVLO Thresholds,
STHS2376x
Voltage at UVLO pin, VUVLO rising
2.43
2.49
2.57
V
VUVLO(F)
Voltage at UVLO pin, VUVLO falling
1.87
1.93
1.98
V
VUVLO(H)
Hysteresis
0.53
0.56
0.58
V
VUVLO(R)
UVLO Thresholds,
STHS2377x
Voltage at VDD pin, VVDD rising
34.1
35.1
36.0
V
VUVLO(F)
Voltage at VDD pin, VVDD falling
29.7
30.5
31.4
V
VUVLO(H)
Hysteresis
4.3
4.5
4.8
V
IIL(UVLO)
UVLO pin leakage
current (STHS2376x
only)
VUVLO = 0 to 5V
–1
1
µA
Thermal shutdown
TSHUTDOWN
Shutdown
temperature(3),
temperature rising
140
°C
TSHUTDOWN H Hysteresis
(3)
20
°C
Supply current
IDD
Operating current
250
450
µA
Table 6.
DC characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com