Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS2375LM6F Datasheet(PDF) 12 Page - STMicroelectronics

Part # STHS2375LM6F
Description  IEEE 802.3af PoE Powered Device (PD) interface controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS2375LM6F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STHS2375LM6F Datasheet HTML 8Page - STMicroelectronics STHS2375LM6F Datasheet HTML 9Page - STMicroelectronics STHS2375LM6F Datasheet HTML 10Page - STMicroelectronics STHS2375LM6F Datasheet HTML 11Page - STMicroelectronics STHS2375LM6F Datasheet HTML 12Page - STMicroelectronics STHS2375LM6F Datasheet HTML 13Page - STMicroelectronics STHS2375LM6F Datasheet HTML 14Page - STMicroelectronics STHS2375LM6F Datasheet HTML 15Page - STMicroelectronics STHS2375LM6F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Electrical parameters STHS237xA, STHS237xL
STHS237x
12/20
3
Electrical parameters STHS237xA, STHS237xL
Specifications common for all the STHS237xA/L product family unless otherwise
noted.
VDD = 48V, RDET = 24.9kΩ, RCLASS = 255Ω, RILIM = 178kΩ, TJ= –40 to 125°C, unless
otherwise noted, typical values at 25°C. For the STHS2376x VUVLO = 0V for classification
and VUVLO = 5V otherwise. Voltages are referenced to the VSS pin unless otherwise noted.
Positive currents are into pins.
Table 5.
Electrical parameters
Symbol
Parameter
Test conditions
Min
Typ
Max
Units
Recommended operating conditions
Input voltage range
VDD, PG, RTN
057
V
UVLO
05
V
IRTN
Operating current
range (sinking)
RTN
0
450
mA
RCLASS
Classification
resistor (1), (2)
1.
Classification tested with exact resistor values. A 1% tolerance of classification resistor values is sufficient
for compliance with IEEE 802.3af classification current limits.
2.
Do not apply external voltage to the CLASS and ILIM pins.
CLASS
255
4420
Ω
RILIM
Inrush current limit
programming
resistor (2)
62.5
500
k
Ω
IPG(SINK)
Sinking current
PG = low
0
10
mA
TJ
Operating junction
temperature
–40
125
°C
TA
Operating free-air
temperature
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com