Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS2375LM6F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STHS2375LM6F
Description  IEEE 802.3af PoE Powered Device (PD) interface controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS2375LM6F Datasheet(HTML) 5 Page - STMicroelectronics

  STHS2375LM6F Datasheet HTML 1Page - STMicroelectronics STHS2375LM6F Datasheet HTML 2Page - STMicroelectronics STHS2375LM6F Datasheet HTML 3Page - STMicroelectronics STHS2375LM6F Datasheet HTML 4Page - STMicroelectronics STHS2375LM6F Datasheet HTML 5Page - STMicroelectronics STHS2375LM6F Datasheet HTML 6Page - STMicroelectronics STHS2375LM6F Datasheet HTML 7Page - STMicroelectronics STHS2375LM6F Datasheet HTML 8Page - STMicroelectronics STHS2375LM6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STHS237x
Summary description
5/20
1
Summary description
The STHS237x is an IEEE802.3af-compliant family of interface controllers for Power over
Ethernet (PoE) Powered Device (PD) applications. The devices consist of two main
sections:
●
The IEEE802.3af interface to the PoE powered RJ-45 wall socket, and
●
the Hot Swap Controller (HSC) functions required to protect the PD during insertion,
operation, and withdrawal from the RJ-45 socket.
These devices have an integrated high voltage power MOSFET (low-side switch) with low
RDS ON and the capability to accept transients as high as 100V. Since the pins (such as VDD
and VSS) which interface to the RJ-45 socket can routinely see high peak voltages in excess
of 100V, it is strongly recommended that board designers protect the PD device with a
transient voltage suppressor, such as the SMAJ58A (available from STMicroelectronics),
connected between the VDD and VSS pins (see Figure 4 on page 8).
The IEEE802.3af-compliant interface includes the basic PD Detection and Classification
functions, whereas the 'Hot Swap' functions include other basic features, such as Inrush
Current Limiting, Undervoltage Lockout (UVLO), and Thermal Overload Protection. All of the
devices include an open drain Power Good (PG) signal to indicate normal steady operation
(see Figure 1 on page 6 and Table 2 on page 6). The STHS237x family also incorporates a
voltage offset (two series diodes) to accommodate the input diode bridge used to make the
PD polarity insensitive.
The STHS237x family comprises devices for all the UVLO limits configurations: IEEE
standard compliant (STHS2375), programmable (STHS2376) and for legacy systems
(STHS2377). See Table 1 on page 1.
Each of the basic part types, the STHS2375, STHS2376 and the STHS2377, is available
either with Latched Operation (L) Mode or with Automatic Retry (A) Mode after fault
conditions. For product options overview see Table 1 on page 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com