Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 2Page - STMicroelectronics STMPE1601 Datasheet HTML 3Page - STMicroelectronics STMPE1601 Datasheet HTML 4Page - STMicroelectronics STMPE1601 Datasheet HTML 5Page - STMicroelectronics STMPE1601 Datasheet HTML 6Page - STMicroelectronics STMPE1601 Datasheet HTML 7Page - STMicroelectronics STMPE1601 Datasheet HTML 8Page - STMicroelectronics STMPE1601 Datasheet HTML 9Page - STMicroelectronics STMPE1601 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
Pin settings
STMPE1601
6/58
2.3
Pin mapping to TFBGA (top through view)
Ball Name
Name
Type
Description
B1
GPIO_11
IO
GPIO 11/ KP_Y3
D1
GPIO_12
IO
GPIO 12/ KP_Y4
D2
GPIO_13
IO
GPIO 13/ KP_Y5/ ADDR0
E1
GPIO_14
IO
GPIO 14/ KP_Y6/ ADDR1
E2
GPIO_15
IO
GPIO 15/ KP_Y7/ ADDR2
B5
INT
O
Open drain interrupt output pin
E4
Reset_N
I
External reset input, active LOW
E3
SDATA
A
I2C DATA
D3
SCLK
A
I2C clock
B4
CLK_IN
A
32 kHz input
C5
VCC
-
1.8
−3.3 V input for I2C module and digital core
C1
VIO
-
1.8
−3.3 V input for GPIO
C2
GND
-
C3
GND
-
Table 2.
Pin assignment (continued)
Table 3.
Pin mapping
12345
A
GPIO_9
GPIO_8
GPIO_7
GPIO_5
GPIO_4
B
GPIO_11
GPIO_10
GPIO_6
CLK_IN
INT
C
VIO
GND
GND
GPIO_3
VCC
D
GPIO_12
GPIO_13
SCLK
GPIO_1
GPIO_2
E
GPIO_14
GPIO_15
SDATA
RESET_N
GPIO_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com