Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 22Page - STMicroelectronics STMPE1601 Datasheet HTML 23Page - STMicroelectronics STMPE1601 Datasheet HTML 24Page - STMicroelectronics STMPE1601 Datasheet HTML 25Page - STMicroelectronics STMPE1601 Datasheet HTML 26Page - STMicroelectronics STMPE1601 Datasheet HTML 27Page - STMicroelectronics STMPE1601 Datasheet HTML 28Page - STMicroelectronics STMPE1601 Datasheet HTML 29Page - STMicroelectronics STMPE1601 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
Interrupt system
STMPE1601
26/58
INT_STA
Interrupt status register
Address:
0x14, 0x15
Type:
R, R/W
Buffer:
Reset:
0x00
Description:
The interrupt status register monitors the status of the interruption from a particular
interrupt source to the host. Regardless whether the INT_EN bits are enabled or not,
the INT_STA bits are still updated.
15
14
13
12
11
10
9876
54321
0
ISR_msb
ISR_lsb
IS8
-
-
IS5
IS4
IS3
IS2
IS1
IS0
RRRRRR
R
RW
-
-
RW
RW
RW
RW
RW
RW
0
0
0
0
0
0
0000
00000
0
[15:9]
[8:0] IS[x]:
Interrupt status (where x = 8 to 0)
Read:
IE0: Wake-up Interrupt Status
IE1: Keypad controller interrupt status
IE2: Keypad controller FIFO overflow interrupt status
IE3: Reserved
IE4: Basic PWM controller 0 interrupt status
IE5: Basic PWM controller 1 interrupt status
IE6: Basic PWM controller 2 Interrupt status
IE7: Basic PWM controller 3 interrupt status
IE8: GPIO Controller Interrupt Status
Write: a write to a IS[x] bit with a value of ‘1’ will clear the interrupt and a write with a value of ‘0’
has no effect on the IS[x] bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com