Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 30Page - STMicroelectronics STMPE1601 Datasheet HTML 31Page - STMicroelectronics STMPE1601 Datasheet HTML 32Page - STMicroelectronics STMPE1601 Datasheet HTML 33Page - STMicroelectronics STMPE1601 Datasheet HTML 34Page - STMicroelectronics STMPE1601 Datasheet HTML 35Page - STMicroelectronics STMPE1601 Datasheet HTML 36Page - STMicroelectronics STMPE1601 Datasheet HTML 37Page - STMicroelectronics STMPE1601 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
Basic PWM controller
STMPE1601
34/58
PWM_OFF_OUTPUT
PWM off output
Address:
0x40
Type:
R/W
Buffer:
Reset:
0x00
Description:
Set the output level when the PWM is disabled
CHANNEL_FUNCT_EN
Channel function enabling
Address:
0x41
Type:
R/W
Buffer:
Reset:
0x00
Description:
Enable/disable individual basic PWM channels.
7
6
5
4
3210
-
-
-
-
OUT3
OUT2
OUT1
OUT0
RW
RW
RW
RW
RW
RW
RW
RW
0
0
0
0
0000
[7:0] OUT7~0:
Default is ‘0’
1: PWM channel outputs ‘1’ when disabled
0: PWM channel outputs ‘0’ when disabled
7
6
5
432
10
ALT_3
ALT_2
ALT_1
ALT_0
EN_3
EN_2
EN_1
EN_0
ALT_3
RW
RW
RW
RW
RW
RW
RW
RW
RW
0
0
0
0
000
00
[7:4] ALT [3:0]:
Alternate mode
Default is ‘0’
HW writes to ‘1’ if alternate operating feature (one-shot/WDT) is required
[3:0] EN [3:0]:
PWM channel enable
Default is ‘0’
SW writes ‘1’ to start PWM channel
HW writes ‘0’ when PWM blinking is completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com