Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 23Page - STMicroelectronics STMPE1601 Datasheet HTML 24Page - STMicroelectronics STMPE1601 Datasheet HTML 25Page - STMicroelectronics STMPE1601 Datasheet HTML 26Page - STMicroelectronics STMPE1601 Datasheet HTML 27Page - STMicroelectronics STMPE1601 Datasheet HTML 28Page - STMicroelectronics STMPE1601 Datasheet HTML 29Page - STMicroelectronics STMPE1601 Datasheet HTML 30Page - STMicroelectronics STMPE1601 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
STMPE1601
Interrupt system
27/58
INT_EN_GPIO_MASK
Interrupt enable GPIO mask register
Address:
0x16, 0x17
Type:
R/W
Buffer:
Reset:
0x00
Description:
The interrupt enable GPIO mask register is used to enable the interruption from a
particular GPIO interrupt source to the host. The IEG[15:0] bits are the interrupt
enable mask bits correspond to the GPIO[15:0] pins
.
INT_STA_GPIO
Interrupt status GPIO register
Address:
0x18, 0x19
Type:
R/W
Buffer:
Reset:
0x00
Description:
The interrupt status GPIO register monitors the status of the interruption from a
particular GPIO pin interrupt source to the host. Regardless whether the
INT_EN_GPIO_MASK bits are enabled or not, the INT_STA_GPIO bits are still
updated. The INT_STA_G[15:0] bits are the interrupt status bits correspond to the
GPIO[15:0] pins.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
INT_EN_GPIO_MASK_msb
INT_EN_GPIO_MASK _lsb
IEG15
IEG14
IEG13
IEG12
IEG11
IEG10
IEG9
IEG8
IEG7
IEG6
IEG5
IEG4
IEG3
IEG2
IEG1
IEG0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
00
0000
0
0
0
0
0
0
0
0
0
0
[15:0] IEG[x]: interrupt enable GPIO mask (where x = 15 to 0)
Writing a ‘1’ to the IE[x] bit will enable the interruption to the host.
15
14
13
12
11
10
9876543210
INT_STA_GPIOR_msb
INT_STA_GPIOR _lsb
ISG15
ISG14
ISG13
ISG12
ISG11
ISG10
ISG9
ISG8
ISG7
ISG6
ISG5
ISG4
ISG3
ISG2
ISG1
ISG0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
0
0
0
0
0
0
0000000000
[15:0] ISG[x]
Interrupt status GPIO (where x = 15 to 0)
Read:
Interrupt status of the GPIO[x].
Write:
A write to a ISG[x] bit with a value of ‘1’ will clear the interrupt and a write with a value of ‘0’ has
no effect on the ISG[x] bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com