Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH16R04C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH16R04C
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16R04C Datasheet(HTML) 1 Page - STMicroelectronics

  STTH16R04C Datasheet HTML 1Page - STMicroelectronics STTH16R04C Datasheet HTML 2Page - STMicroelectronics STTH16R04C Datasheet HTML 3Page - STMicroelectronics STTH16R04C Datasheet HTML 4Page - STMicroelectronics STTH16R04C Datasheet HTML 5Page - STMicroelectronics STTH16R04C Datasheet HTML 6Page - STMicroelectronics STTH16R04C Datasheet HTML 7Page - STMicroelectronics STTH16R04C Datasheet HTML 8Page - STMicroelectronics STTH16R04C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2007
Rev 1
1/10
STTH16R04C
Ultrafast recovery diode
Main product characteristics
Features and benefits
■ Very low switching losses
■ High frequency and/or high pulsed current
operation
■ High junction temperature
■ Insulated package:
– TO-220FPAB
Electrical insulation = 1500 VRMS
Capacitance = 12 pF
Description
The STTH16R04C series uses ST's new 400 V
planar Pt doping technology. The STTH16R04C is
specially suited for switching mode base drive and
transistor circuits.
Packaged in through-the-hole and surface mount
packages, this device is intended for use in low
voltage, high frequency inverters, free wheeling
and polarity protection.
Order codes
IF(AV)
2 X 8 A
VRRM
400 V
Tj
175° C
VF (typ)
0.9 V
trr (typ)
25 ns
Part Number
Marking
STTH16R04CT
STTH16R04CT
STTH16R04CG
STTH16R04CG
STTH16R04CG-TR
STTH16R04CG
STTH16R04CFP
STTH16R04CFP
K
A2
A1
K
A2
A1
K
A2
A1
K
A2
A1
TO-220AB
STTH16R04CT
TO-220FPAB
STTH16R04CFP
D2PAK
STTH16R04CG
www.st.com


Similar Part No. - STTH16R04C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTH16R04CG ISC-STTH16R04CG Datasheet
283Kb / 2P
Ultrafast Rectifier
STTH16R04CT ISC-STTH16R04CT Datasheet
300Kb / 2P
Ultrafast Rectifier
More results

Similar Description - STTH16R04C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com