Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH16R04C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH16R04C
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16R04C Datasheet(HTML) 2 Page - STMicroelectronics

  STTH16R04C Datasheet HTML 1Page - STMicroelectronics STTH16R04C Datasheet HTML 2Page - STMicroelectronics STTH16R04C Datasheet HTML 3Page - STMicroelectronics STTH16R04C Datasheet HTML 4Page - STMicroelectronics STTH16R04C Datasheet HTML 5Page - STMicroelectronics STTH16R04C Datasheet HTML 6Page - STMicroelectronics STTH16R04C Datasheet HTML 7Page - STMicroelectronics STTH16R04C Datasheet HTML 8Page - STMicroelectronics STTH16R04C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STTH16R04C
2/10
1
Characteristics
When the diodes are used simultaneously:
ΔTj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 1.
Absolute ratings (limiting values at 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
400
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current,
δ = 0.5
TO-220AB / D2PAK
Per diode Tc = 150° C
8
A
Per device Tc = 145° C
16
TO-220FPAB
Per diode Tc = 125° C
8
Per device Tc = 90° C
16
IFSM
Surge non repetitive forward current tp = 10 ms Sinusoidal
120
A
Tstg
Storage temperature range
-65 to +175
° C
Tj
Maximum operating junction temperature range
-40 to +175
° C
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AC / D2PAK
Per diode
2
°C/W
Per device
1.15
TO-220FPAB
Per diode
4.6
per device
3.8
Rth(c)
Coupling
TO-220AC / D2PAK
Per device
0.3
°C/W
TO-220FPAB
per device
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com