Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH16R04C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH16R04C
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16R04C Datasheet(HTML) 3 Page - STMicroelectronics

  STTH16R04C Datasheet HTML 1Page - STMicroelectronics STTH16R04C Datasheet HTML 2Page - STMicroelectronics STTH16R04C Datasheet HTML 3Page - STMicroelectronics STTH16R04C Datasheet HTML 4Page - STMicroelectronics STTH16R04C Datasheet HTML 5Page - STMicroelectronics STTH16R04C Datasheet HTML 6Page - STMicroelectronics STTH16R04C Datasheet HTML 7Page - STMicroelectronics STTH16R04C Datasheet HTML 8Page - STMicroelectronics STTH16R04C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STTH16R04C
Characteristics
3/10
To evaluate the conduction losses use the following equation:
P = 0.83 x IF(AV) + 0.034 x IF
2
(RMS)
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2 %
Reverse leakage current
Tj = 25° C
VR = VRRM
10
µA
Tj = 125° C
10
100
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2 %
Forward voltage drop
Tj = 25° C
IF = 8 A
1.5
V
Tj = 100° C
1.05
1.3
Tj = 150° C
0.9
1.1
Tj = 25° C
IF = 16 A
1.75
Tj = 100° C
1.25
1.55
Tj = 150° C
1.12
1.37
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25° C
35
50
ns
IF = 1 A, dIF/dt = -100 A/µs,
VR = 30 V, Tj = 25° C
25
35
IRM
Reverse recovery current
IF = 8 A, dIF/dt = -200 A/µs,
VR = 320 V, Tj = 125° C
5.5
8
A
S
Softness factor
IF = 8 A, dIF/dt = -200 A/µs,
VR = 320 V, Tj = 125° C
0.4
tfr
Forward recovery time
IF = 8 A, dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25° C
150
ns
VFP
Forward recovery voltage
IF = 8 A, dIF/dt = 100 A/µs
Tj = 25° C
2.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com