Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH16R04C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH16R04C
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16R04C Datasheet(HTML) 5 Page - STMicroelectronics

  STTH16R04C Datasheet HTML 1Page - STMicroelectronics STTH16R04C Datasheet HTML 2Page - STMicroelectronics STTH16R04C Datasheet HTML 3Page - STMicroelectronics STTH16R04C Datasheet HTML 4Page - STMicroelectronics STTH16R04C Datasheet HTML 5Page - STMicroelectronics STTH16R04C Datasheet HTML 6Page - STMicroelectronics STTH16R04C Datasheet HTML 7Page - STMicroelectronics STTH16R04C Datasheet HTML 8Page - STMicroelectronics STTH16R04C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STTH16R04C
Characteristics
5/10
Figure 7.
Reverse recovery charges versus
dIF/dt (typical values)
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under tab (Epoxy printed circuit
board FR4, eCU = 35 µm)
0
20
40
60
80
100
120
140
160
180
200
10
100
1000
Q
RR(nC)
I
F= 8 A
V
R=320 V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
14
16
18
20
Rth
(j-a)(°C/W)
D²PAK
SCU(cm²)
Figure 9.
Relative variations of dynamic
parameters versus junction
temperature
Figure 10.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 11.
Forward recovery time versus dIF/dt
(typical values)
Figure 12.
Junction capacitance versus
reverse voltage applied (typical
values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
I
RM
Q
RR
I
F= 8 A
V
R=320 V
Tj(°C)
Q
[T ]/Q
[T = 125° C] and I
RR
j
RR
j
RM
j
RM
j
[T ]/I
[T = 125° C]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
450
500
V
Fp(V)
I
F=8 A
T
j=125 °C
dIF/dt(A/µs)
0
100
200
300
400
500
600
700
0
100
200
300
400
500
t
FR(ns)
I
F=8 A
V
FR=1.1 x VF max.
T
j=125°C
dIF/dt(A/µs)
10
100
1
10
100
1000
C(pF)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com