Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CHDRLF Datasheet(PDF) 58 Page - STMicroelectronics

Part # STW4810CHDRLF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CHDRLF Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STW4810CHDRLF Datasheet HTML 54Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 55Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 56Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 57Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 58Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 59Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 60Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 61Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
Electrical and timing characteristics
STw4810
58/78
5.4.2
CMOS input/output dynamic characteristics: I2C interface
Table 45.
CMOS input/output dynamic characteristics: I²C interface
Symbol
Description
Min.
Typ.
Max.
Units
I²C interface (
Figure 8)
Fscl
Clock frequency
400
Khz
thigh
Clock pulse width high
600
ns
tlow
Clock pulse width low
1300
ns
tr
SDA, SCL, USBSDA, USBSCL rise time
20+0.1*Cb (1)
1.
Cb = total capacitance of one bus line in pF
300
ns
tf
SDA, SCL, USBSDA, USBSCL fall time
20+0.1*Cb
300
ns
thd_sta
Start condition hold time
600
ns
tsu_sta
Start condition set up time
600
ns
thd_dat
Data input hold time
0
ns
tsu_dat
Data input set up time
250
ns
tsu_sto
Stop condition set up time
600
ns
tbuf
Bus free time
1300
ns
Cb
Capacitive load for each bus line
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com