Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CHDRLF Datasheet(PDF) 39 Page - STMicroelectronics

Part # STW4810CHDRLF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CHDRLF Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STW4810CHDRLF Datasheet HTML 35Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 36Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 37Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 38Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 39Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 40Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 41Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 42Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
STw4810
Functional description
39/78
4.4
USB OTG module
This transceiver complies with the USB specification:
●
Universal Serial Bus specification revision 2.0
●
‘On the Go’ supplement to the USB specification revision 1.0-a
●
Car kit interface specification (see: OTG transceiver specification revision 0.92)
The USB OTG transceiver has two modes: USB mode and UART mode. It includes:
●
Full and low speed transceiver (12 Mbit/s and 1.5 Mbit/s data rate)
●
Support data line and VBUS pulsing session request
●
Host Negotiation Protocol (HNP) command and status register
●
Charge pump regulator (5 V at 100 mA) to supply VBUS line of the USB cable
●
VBUS pull-up and pull-down resistors as defined by Session Request Protocol (SRP)
●
VBUS threshold comparators
●
VUSB LDO internal regulator which provides power supply for the bus driver and
receiver.
●
ID line detector and interrupt generator
●
Dedicated I²C serial control interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com