Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CHDRLF Datasheet(PDF) 40 Page - STMicroelectronics

Part # STW4810CHDRLF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CHDRLF Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STW4810CHDRLF Datasheet HTML 36Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 37Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 38Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 39Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 40Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 41Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 42Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 43Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
Functional description
STw4810
40/78
4.4.1
Block diagram
Figure 12.
USB OTG transceiver block diagram
VUSB
VBAT_USB
VUSB_LDO
VBAT_DIG
VMINUS_DIG
out_diff_Rx
Control
Registers
TRANCEIVER
VBAT_USB
ID
CP
CN
VBUS
DP
DN
CHARGE
PUMP
5V - 100mA
OE_TP_INT
DAT_VP
SEO_VM
RCV
suspend
VP
VM
id_float
id_gnd
vbus_vld
sess_vld
vbus_session_end
DP
VBUS_MONITOR
DP_MONITOR
VBUS > 4.4 V
2V < VBUS < 4.4 V
VBUS < 0.8V
ID Detector
Diff Tx
Diff Rx
SE_DP
SE_DN
DECODER
SINGLE
RXD
RXD
speed
dat_se0
bdis_acon_en
oe_int_en
uart_en
dp_pullup
dn_pullup
dp_pulldown
dn_pulldown
id_gnd_forced
vbus_drv
vbus_dischrg
vbus_chrg
dp_hi
id_gnd
dn_hi
bdis_acon
Gnd
RA_BUS_IN
CLK
REF
vbus_chrg
vbus_dischrg
dn_pullup
dn_pulldown
id_gnd
dp_pullup
dp_pulldown
USBVP
USBVM
USBOEn
USBRCV
cr_int
Interrupt
Control
Register
vbus_vld
sess_vld
id_float
cr_int
USB_INTn
USBSCL
USBSDA
suspend
vbus_drv
ENDED
IT_WAKE_UP
Plug detect
Management
sess_vld
RID_PU
R
4.7 R
R
SCL
SDA
DP < [0.4 to 0.6] V
5.7 R
R
OR
0.85*ID
0.15*ID
100 mA
usb_i2c_ctrl
SW_RESETn
usb_en
VBAT_DIG
VBAT_USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com