Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CHDRLF Datasheet(PDF) 69 Page - STMicroelectronics

Part # STW4810CHDRLF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CHDRLF Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STW4810CHDRLF Datasheet HTML 65Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 66Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 67Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 68Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 69Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 70Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 71Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 72Page - STMicroelectronics STW4810CHDRLF Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
STw4810
Application information
69/78
6
Application information
6.1
Components list
Table 52.
Components list
Name
Typical
value
Comments
Function
C1
22µF
In the complete system application,
the sum of the capacitors connected
on each STw4810 ball must never be
less than 30% of the value indicated
in the typical value column of this
table. This includes all capacitor
parameters:
– production dispersion
– DC bias voltage applied
– temperature range of the complete
system application
– aging
VIO_VMEM output filter
C4
VCORE output filter
C2
10µF
VBAT_VIOVMEM decoupling
C3
VBAT_ANA decoupling
C5
VBAT_VCORE decoupling
C6
1µF
VPLL output filter
C7
VANA output filter
C8
VREF output filter
C10
VUSB output filter
C13
VAUX output filter
C9
470nF
Flying capacitor for charge pump
C11
4.7µF
VBUS output filter (tank charge pump capacitor)
C12
2.2µF
VSD_MMC output filter
C13, C14,
C15, C16,
C17
1 µF
Vbattery input voltage decoupling capacitors
L1
4.7µH
See
Table 53 for recommended coils
Coil VIOVMEM DC/DC
L2
Coil VCORE DC/DC
Table 53.
Recommended coils
Supplier
Part Number
DCR (
Ω)Irms(1) (A)
1.
Irms: 30% decrease of initial value
L x l x h (mm * mm * mm)
TDK
VLF3010AT-4R7MR70
0.28
0.7
2.8 * 2.6 * 1.0
VLF3012AT-4R7MR74
0.16
0.74
2.8 * 2.6 * 1.2
VLF4012AT-4R7M1R1
0.14
1.1
3.7 * 3.5 * 1.2
Coilcraft
DO1605T-472MX
0.15
1.1
5.5 * 4.2 * 1.8
DO3314-472ML
0.32
1.1
3.3 * 3.3 * 1.4
ME3320-472MX
0.19
1.1
3.2 * 2.5 * 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com