Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0535 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0535
Description  Sunflower: Solar Power Manager SKU: DFR0535
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0535 Datasheet(HTML) 3 Page - DFROBOT

  DFR0535 Datasheet HTML 1Page - DFROBOT DFR0535 Datasheet HTML 2Page - DFROBOT DFR0535 Datasheet HTML 3Page - DFROBOT DFR0535 Datasheet HTML 4Page - DFROBOT DFR0535 Datasheet HTML 5Page - DFROBOT DFR0535 Datasheet HTML 6Page - DFROBOT DFR0535 Datasheet HTML 7Page - DFROBOT DFR0535 Datasheet HTML 8Page - DFROBOT DFR0535 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Features
Constant Voltage MPPT Algorithm, Maximizing Solar Panel Efficiency
7V~30V Wide Solar Panel Input Voltage
Various Charging Mode: Solar/AC Adapter/USB Charger (2A Max Charge Current)
Three Individual ON/OFF Controllable Regulated Power Supply for Low-Power Applications
All Multi-Layer Ceramic Capacitors (MLCC), Safe, Stable and High-Efficiency
Various Protection Functions
USB Connector with ESD Shell
Specifications
Solar Power Management IC: LTC3652
Solar Input Voltage (SOLAR IN):7V~30V
Battery Input (BAT IN): 3.7V Li-Polymer/Li-ion Battery
Charge Current (USB/SOLAR IN): 2A Max Trickle Charging, Constant Current, Constant Voltage
Three Phases Charging
Charge Cutoff Voltage (USB/SOLAR IN): 4.2V±1%
MPPT Setting Voltages:OFF/9V/12V/18V
USB IN Voltage:5V
Regulated Power Supply:OUT1=5V 1.5A; OUT2=3.3V 1A; OUT3=9V/12V 0.5A
Regulated Power Supply Efficiency (3.7V battery IN)
OUT1: 90%@10%Load, 86%@50%Load, 80%@90%Load
OUT2: 96%@10%Load;92%@50%Load;87%@90%Load
OUT3 (9V OUT): 88%@10%Load, 89%@50%Load, 86%@90%Load
OUT3 (12V OUT): 87%@10%Load, 88%@50%Load, 82%@90%Load
USB Charge Efficiency: 84%@1A;74%@1.8A
Solar Charge Efficiency (18V SOLAR IN):78%@1A;72%@1.8A
Maximum Quiescent Current:
Overall:<3 mA
OUT1: <760 uA
OUT2: <560 uA
OUT3: <1.72 mA
Protections
BAT IN: Over Charge Voltage (4.3V)/Over Discharge Voltage (2.4V) /Over Current (3A) /Reverse
Connection Protection
OUT1-OUT3/USB OUT: Short Circuit/Over Current/Over Heat Protection
SOLAR IN: Reverse Connection Protection
Operation Temperature:-40 ~85
Dimension:78.0mm*68.0mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com