Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0535 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0535
Description  Sunflower: Solar Power Manager SKU: DFR0535
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0535 Datasheet(HTML) 2 Page - DFROBOT

  DFR0535 Datasheet HTML 1Page - DFROBOT DFR0535 Datasheet HTML 2Page - DFROBOT DFR0535 Datasheet HTML 3Page - DFROBOT DFR0535 Datasheet HTML 4Page - DFROBOT DFR0535 Datasheet HTML 5Page - DFROBOT DFR0535 Datasheet HTML 6Page - DFROBOT DFR0535 Datasheet HTML 7Page - DFROBOT DFR0535 Datasheet HTML 8Page - DFROBOT DFR0535 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Selection Guide
Name
Solar Power Manager
★
Solar Power Manager 5V
SKU
DFR0535
DFR0559
Solar Power
Management IC
LTC3652
CN3065
Solar Input Voltage
7V ~ 30V
4.4V ~ 6V
Maximum Charge
Current
2A
900mA
Topology
DC-DC Buck
Linear Regulator
Battery
3.7V Lithium Battery
3.7V Lithium Battery
MPPT
Yes (9V/12V/18V Optional)
Yes(Fixed 5V)
Battery Protections
Over Charge/Over Discharge/Over Current/Reverse
Connection Protections
Over Charge/Reverse Connection Protections
Output Protections
Short Circuit/Over Current/Over Heat Protections
Short Circuit/Over Current Protections
USB Charge IN
Yes
Yes
USB OUT
5V 1.5A
5V 1A
Regulated OUT
Three Regulated Outputs
3.3V 1A;5V 1.5V;9V/12V 0.5A
One Regulated Output
5V 1A
Dimension
78.0mm×68.0mm
33.0mm×63.0mm
Features
A complete multifunction solar power management
module.
Applications: Small Solar Street Lamp, Solar Powered
Robots
For 9V/12V/18V Solar Panels within 20W
A small and easy-to-use 5V solar power
management module.
Applications: Solar Power Bank, Solar
Environment Monitors
For 5V Solar Panels within 10W
Introduction
DFRobot Sunflower focuses on high-efficiency small power solar energy harvesting and
management for IoT projects and renewable energy applications. Solar Power Manager is a
complete small power and high-efficiency solar power management module. It features as MPPT
(Maximum Power Point Tracking) function, maximizing the efficiency of the solar panel. Apart from
serving as a solar charger, the module can provide up to 2A charging current to 3.7V Li battery with
AC adapter (within 30V) or USB charger, three individual ON/OFF controllable DC-DC converters
with 5V 1.5A, 3.3V 1A and 9V/12V 0.5A outputs. These features satisfy the needs of various solar
power projects and low-power applications. The module also employs various protection functions,
such as Li battery protection, battery/solar panel reverse connection protection, output over
temperature and over current/short circuit protection, which greatly improves the stability and safety
of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com