Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0535 Datasheet(PDF) 8 Page - DFROBOT

Part # DFR0535
Description  Sunflower: Solar Power Manager SKU: DFR0535
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0535 Datasheet(HTML) 8 Page - DFROBOT

Back Button DFR0535 Datasheet HTML 4Page - DFROBOT DFR0535 Datasheet HTML 5Page - DFROBOT DFR0535 Datasheet HTML 6Page - DFROBOT DFR0535 Datasheet HTML 7Page - DFROBOT DFR0535 Datasheet HTML 8Page - DFROBOT DFR0535 Datasheet HTML 9Page - DFROBOT DFR0535 Datasheet HTML 10Page - DFROBOT DFR0535 Datasheet HTML 11Page - DFROBOT DFR0535 Datasheet HTML 12Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
USB Charge Requirement
The USB IN is only used for battery charging. It is recommended to use a 5V 2A AC adapter for
battery charging. Lower capacity adapter, such as 5V 1A, may increase the charging period.
USB IN charge input
USB/SOLAR IN Automatic Switching
Both the USB IN and SOLAR IN are capable of deliver 2A max charge current. To prevent charge
conflict caused by using both inputs, the USB charge has a higher priority. When the USB IN is
powered on by AC adapter, the SOLAR IN will be automatically cut off. When the USB IN is powered
down, the SOLAR IN resumes charging.
Regulated Power Supply
The module provides three individual regulated outputs OUT1/USB OUT=5V 1.5A, OUT2=3.3V 1A,
OUT3=9V/12V 0.5A. Output voltage of OUT3 can be set as 9V or 12V through the switch OUT3
SET. OUT1 and USB OUT share the same output voltage and maximum current, but USB OUT CAN
NOT be shutdown.
OUT3 output voltage setting switch
Most of the power banks available on the market has the automatic shutdown function to reduce the
quiescent power under light loads. However, the automatic shutdown threshold is usually higher
than many low power controllers, some even higher than the classical Arduino UNO (around 50mA).
Such power banks will automatically shut itself down when the output current continues lower than
some preset threshold after several seconds, which fails to apply to low power applications. The
USB OUT employs the low quiescent power DC-DC boost converter and always remains ON to
provide continuous power to low power controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com