Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0535 Datasheet(PDF) 13 Page - DFROBOT

Part # DFR0535
Description  Sunflower: Solar Power Manager SKU: DFR0535
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0535 Datasheet(HTML) 13 Page - DFROBOT

Back Button DFR0535 Datasheet HTML 5Page - DFROBOT DFR0535 Datasheet HTML 6Page - DFROBOT DFR0535 Datasheet HTML 7Page - DFROBOT DFR0535 Datasheet HTML 8Page - DFROBOT DFR0535 Datasheet HTML 9Page - DFROBOT DFR0535 Datasheet HTML 10Page - DFROBOT DFR0535 Datasheet HTML 11Page - DFROBOT DFR0535 Datasheet HTML 12Page - DFROBOT DFR0535 Datasheet HTML 13Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Use the USB to charge battery
Ultilize the USB charge function, the user can build a USB/solar power bank for outdoor sport
application. Charge the battery with solar panel by daytime and USB at night with cell phone charger
(if it is available). User can also charge small charge current, low power devices, such as smart band
or Bluetooth headset with the USB OUT.
Use USB charger to charge Li battery
Build a low power environment monitor station
This application example use the BME280 environmental sensor to record temperature, humidity
and atmospheric pressure, VEML7700 ambient light sensor to record the the ambient illumination,
and DS1307 RTC module to record time. Use the analog input A1 to monitor the battery voltage
(equivalently the battery capacity). To achieve lower power consumption, use one Arduino digital IO
pin to turn ON the OUT1 power supply, read all the data from the sensors and turn them OFF. Cycle
this pattern for a proper interval T to reduce the average power consumption. This can completely
get rid of the quiescent power of the peripheral modules. Although single peripheral may consume
little power, it can be considerable large for a number of them. This module provides users with
effective methods to drive the peripheral modules into discontinuous (pulse) mode to achieve low
power operation.
Low power environment monitor sta
         https://www.dfrobot.com/wiki/index.php/Sunflower:_Solar_Power_Manager_SKU:_DFR0535 5‐25‐18 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com