Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0605 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0605
Description  Gravity: Digital RGB LED Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0605 Datasheet(HTML) 3 Page - DFROBOT

  DFR0605 Datasheet HTML 1Page - DFROBOT DFR0605 Datasheet HTML 2Page - DFROBOT DFR0605 Datasheet HTML 3Page - DFROBOT DFR0605 Datasheet HTML 4Page - DFROBOT DFR0605 Datasheet HTML 5Page - DFROBOT DFR0605 Datasheet HTML 6Page - DFROBOT DFR0605 Datasheet HTML 7Page - DFROBOT DFR0605 Datasheet HTML 8Page - DFROBOT DFR0605 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Board Overview
No.
Label
Description
1
-
Power supply GND
2
+
Power supply VCC(3.3~5.3V)
3
DI
Control data signal input
4
DO
Control data signal output
Arduino Tutorial
This tutorial presents a basic usage of the module with Arduino UNO.
Requirements
Hardware
o
DFRduino UNO R3 (or similar) x 1
o
Gravity: Digital RGB LED Module x 1
o
Gravity 3P digital sensor cable (or Dupont wires) x 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com