Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0605 Datasheet(PDF) 8 Page - DFROBOT

Part # DFR0605
Description  Gravity: Digital RGB LED Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0605 Datasheet(HTML) 8 Page - DFROBOT

  DFR0605 Datasheet HTML 1Page - DFROBOT DFR0605 Datasheet HTML 2Page - DFROBOT DFR0605 Datasheet HTML 3Page - DFROBOT DFR0605 Datasheet HTML 4Page - DFROBOT DFR0605 Datasheet HTML 5Page - DFROBOT DFR0605 Datasheet HTML 6Page - DFROBOT DFR0605 Datasheet HTML 7Page - DFROBOT DFR0605 Datasheet HTML 8Page - DFROBOT DFR0605 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Module cascade
Wiring: The module reserves a 2.54mm-3P pad for cascading. The user can first solder
the 3P bent header and then use the Gravity 3P digital sensor cable for connection.
Insert one end of the cable, PH2.0-3P white male connector, to the PH2.0-3P white
female connector of the module, and the other end, black 2.54mm-3P female header
connector, to the 3P bent header of the previous module. Connect the modules in such
way one by one to forming a string of lights. As shown in the figure below, the "+", "-",
and "DO" are connected to "+", "-", and "DIN" respectively of the next module.
Code: The sample code applies to a single module. To use in cascade, you need to
change the value "1" in the sample code (as shown below) to the number of modules to
be cascaded. Otherwise no matter how many module is cascaded, only the first one will
light up. For example, a RGB LED strip is made up of 32 modules. The value should be
changed to "32".
 #define NUM_LED 1     // Number of LEDs in a strip 
Power consumption and length estimation: The length of every section of a RGB LED
string (Module + Gravity 3P Digital Sensor Cable) is about 32cm, which greatly
reduces the number of LEDs and power consumption per meter compared to the
ordinary RGB LED strip. Under the same power supply, the entire strip can be extended
to several tens of meters. If modules are powered by 5V, set to white color and brightest,
power consumption can be up to 48mA. Under this condition, if the strip is powered by
the USB of the Arduino whose maximum output capacity is 500mA (determined by the
Arduino internal self-recovery fuse). Such configuration can drive about 10 modules with
a total length of about 3.2m. If the Arduino is externally powered by 7-12V (using a
power adapter, 2s 7.4V or 3s 11.1V lithium battery), its maximum output capacity is
800mA (determined by Arduino internal LDO). Such configuration can drive about 16
modules with a total length of about 5m. If the Arduino is externally powered by IO
sensor expansion board V7.1 , where the servo external terminal SERVO_PWR is powered
by 5V 2A AC adapter, such configuration can drive 48 modules with a length of about
13m. The estimation above provides the lower limit (worse case) of the cascading
number from the perspective of the supply current and the maximum power
consumption of the module. The actual maximum cascading number is affected by the
actual power consumption (color or brightness) and the voltage loss in cable (the
voltage is dropping through the cable). Usually, the power supply voltage of the last
module of the string should not be lower than 3.3V. The number and length of the
cascade can be much higher than the estimated value above. By properly decreasing
brightness, the maximum cascading number can be greatly increased.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com