Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0605 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0605
Description  Gravity: Digital RGB LED Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0605 Datasheet(HTML) 1 Page - DFROBOT

  DFR0605 Datasheet HTML 1Page - DFROBOT DFR0605 Datasheet HTML 2Page - DFROBOT DFR0605 Datasheet HTML 3Page - DFROBOT DFR0605 Datasheet HTML 4Page - DFROBOT DFR0605 Datasheet HTML 5Page - DFROBOT DFR0605 Datasheet HTML 6Page - DFROBOT DFR0605 Datasheet HTML 7Page - DFROBOT DFR0605 Datasheet HTML 8Page - DFROBOT DFR0605 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
 
Gravity: Digital RGB LED Module
SKU:DFR0605
 
Introduction
Gravity: Digital RGB LED Module is a cascadable single RGB LED module compatible
with RGB LED strip. The Gravity interface provides a more elegant manner for the
connections between modules and most of mainstream controllers such
as Arduino, micro:bit, Firebeetle Series, LattePanda, and Raspberry Pi with an abundant
kinds of DFRobot IO expansion shield. Compared to the traditional RGB LED module,
where three control signal pins are required for a single LED, this module only needs
one signal pin for all LEDs in cascade. Thanks to such individual module design, RGB LED
strip built by such independent modules can realize extremely low power consumption
per meter compared to traditional RGB LED strip. And such feature makes it possible to
cascade more than 100 modules with a total length up to several tens of meters but
power requirement no more than 5V 2A. This also makes it much simpler and more
flexible to configure the length of an RGB LED strip, without the need of cutting a RGB
LED strip or soldering every LED pieces.


Similar Part No. - DFR0605

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0600 DFROBOT-DFR0600 Datasheet
1Mb / 3P
PYNQ-Z2 Development Board
5-9-19
DFR0601 DFROBOT-DFR0601 Datasheet
809Kb / 13P
Dual-Channel DC Motor Driver
2023/10/12
DFR0602 DFROBOT-DFR0602 Datasheet
1Mb / 5P
ESP32-CAM Development Board
8-15-19
DFR0604 DFROBOT-DFR0604 Datasheet
1Mb / 13P
IO Expansion HAT for Pi Zero/Zero W
12-5-19
More results

Similar Description - DFR0605

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
LM-FB20F-12 CML-LM-FB20F-12 Datasheet
233Kb / 1P
Flexible Bar LED Module - Full Colour(RGB)
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-S371-QR999 AVAGO-ADJD-S371-QR999 Datasheet
352Kb / 23P
Miniature Surface-Mount RGB Digital Color Sensor Module
logo
Faraday Technology
DAC-011A FARADAY-DAC-011A Datasheet
135Kb / 1P
PARALLEL DIGITAL TO RGB AND YPBPR MODULE
logo
OptoSupply Internationa...
OSPR3XT2-TCXBEAC1E OPTOSUPPLY-OSPR3XT2-TCXBEAC1E Datasheet
356Kb / 1P
3PCS Xeon 1 Power RGB LED Module
OSPR9XT1-TCXBEAC1E OPTOSUPPLY-OSPR9XT1-TCXBEAC1E Datasheet
121Kb / 1P
9PCS Xeon Power RGB LED Module
logo
List of Unclassifed Man...
QBLP679-RGB3 ETC2-QBLP679-RGB3 Datasheet
383Kb / 8P
PLCC6 RGB LED
logo
LightKey Optoelectronic...
LML4P6432RGB-0505 LIGHTKEY-LML4P6432RGB-0505 Datasheet
204Kb / 3P
P4 Indoor 64x32 RGB LED Display Module
logo
Elite Enterprises (H.K....
PG1M-1LFP-3 ELITE-PG1M-1LFP-3 Datasheet
428Kb / 10P
3W RGB Power LED Module
PG1M-3LFP-3 ELITE-PG1M-3LFP-3 Datasheet
431Kb / 10P
9W RGB Power LED Module
logo
Broadcom Corporation.
APDS-9253-001 BOARDCOM-APDS-9253-001 Datasheet
794Kb / 28P
Digital RGB Sensor
March 12, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com